Electronic Components Datasheet Search
  English  ▼

X  

AX88141 Datasheet(PDF) 25 Page - ASIX Electronics Corporation

Part # AX88141
Description  100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88141 Datasheet(HTML) 25 Page - ASIX Electronics Corporation

Back Button AX88141 Datasheet HTML 21Page - ASIX Electronics Corporation AX88141 Datasheet HTML 22Page - ASIX Electronics Corporation AX88141 Datasheet HTML 23Page - ASIX Electronics Corporation AX88141 Datasheet HTML 24Page - ASIX Electronics Corporation AX88141 Datasheet HTML 25Page - ASIX Electronics Corporation AX88141 Datasheet HTML 26Page - ASIX Electronics Corporation AX88141 Datasheet HTML 27Page - ASIX Electronics Corporation AX88141 Datasheet HTML 28Page - ASIX Electronics Corporation AX88141 Datasheet HTML 29Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
AX88141
PRELIMINARY
ASIX ELECTRONICS CORPORATION
25
CONFIDENTIAL
4.2.12 Serial ROM and MII Management Register (REG9)
1.
The register provides an interface to the Microwire serial ROM and to the physical layer
protocol (PHY). It selects the device and contains both the commands and data to be read from
and stored in the serial ROM.
2.
The MII management selects and operation mode for reading and writing the MII.
FIELD
R/W/C
DESCRIPTION
31:20
-
Reserved.--Written as “0” for future compatibility concern.
19
R
MDI - MII management data_in
Used by the AX88141 to read data from the PHY
18
R/W
MII - MII management operation mode
Defines the operation mode (read or write) of the PHY.
17
R/W
MDO - MII Management write data
Specifies the value of the data that AX88141 writes to the PHY
16
R/W
MDC - MII Management clock
MII management data clock (MII_MDC) is an output signal to the PHY. it is used as a timing reference.
14
R/W
RD - Read operation
Read control bit. When set together with REG9<12>, The AX88141 performs read cycles from the BOOT ROM, and
the serial ROM.
13:12
-
Reserved.--Written as “0” for future compatibility concern.
11
R/W
SR - SERIAL ROM select
When set together with either SERIAL ROM read operation (REG9<14>) or SERIAL ROM Write operation
(REG9<13>), The AX88141 selects the SERIAL ROM.
10:4
-
Reserved.--Written as “0” for future compatibility concern.
3
R/W
SDO - SERIAL ROM data_out
SERIAL ROM data output(SR_DO) From the SERIAL ROM device to the AX88141.
2
R
SDI - SERIAL ROM data_in
SERIAL ROM Data input(SR_DI) To the SERIAL ROM device from the AX88141.
1
R/W
SCLK - SERIAL ROM serial clock
Serial clock (SR_CK) Output to the SERIAL ROM.
0
R/W
SCS - Serial ROM Chip Select
Chip select (sr_cs) output to the serial ROM.
Tab - 31 REG9 Serial ROM, and MII Management Register Description
4.2.13 General -Purpose Timer (REG11)
1.
This register contains a 16 bit general-purpose timer. It is used mainly by the software driver for
timing functions not supplied by the operating system. After the timer is loaded, it starts
counting down . The expiration of the timer causes an interrupt in REG5<11>.
2.
If the timer expires with the CON bit on, the counter will load itself automatically with the last
value. The timer is not active in snooze mode.
Field
R/W/C
Description
31:17
-
Reserved.--Written as “0” for future compatibility concern.
1
Continuous operating mode.
16
R/W
CON - Continuous Mode
0
One-shot operating mode.
15:0
R/W
Timer value
Contains the general-purpose timer value within a N microsecond cycle.
SRL_10M
: 204.8us
MII_10M
: 819.2us
MII_100M : 81.92us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com