Electronic Components Datasheet Search
  English  ▼

X  

AX88141 Datasheet(PDF) 22 Page - ASIX Electronics Corporation

Part # AX88141
Description  100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88141 Datasheet(HTML) 22 Page - ASIX Electronics Corporation

Back Button AX88141 Datasheet HTML 18Page - ASIX Electronics Corporation AX88141 Datasheet HTML 19Page - ASIX Electronics Corporation AX88141 Datasheet HTML 20Page - ASIX Electronics Corporation AX88141 Datasheet HTML 21Page - ASIX Electronics Corporation AX88141 Datasheet HTML 22Page - ASIX Electronics Corporation AX88141 Datasheet HTML 23Page - ASIX Electronics Corporation AX88141 Datasheet HTML 24Page - ASIX Electronics Corporation AX88141 Datasheet HTML 25Page - ASIX Electronics Corporation AX88141 Datasheet HTML 26Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
AX88141
PRELIMINARY
ASIX ELECTRONICS CORPORATION
22
CONFIDENTIAL
3
R/W/C
TJT - Transmit Jabber Time-out
Indicates that the transmit jabber timer expired, meaning that the AX88141 transmitter had been excessively
active. The transmission process is aborted and placed in the stopped state. This event causes the transmit
jabber time-out TDES0<14> is set.
2
R/W/C
TU - Transmit Buffer Unavailable
Indicates that the next descriptor on the transmit list is owned by the host and cannot be acquired by the
AX88141.The transmission process is suspended. To resume processing transmit descriptors, the host should
change the ownership bit of the descriptor and then issue a transmit poll demand command.
1
R/W/C
TPS - Transmit Process Stopped
Asserts when the transmit process enters the stopped state.
0
R/W/C
TI - Transmit Interrupt
Indicates that a frame transmission was completed, while TDES1<31> is asserted in the first descriptor of the
frame.
Tab - 26 REG5 Status Register Description
4.2.9 Operation Mode Register (REG6)
1.
REG6 establishes the receive and transmit operating modes and commands.
2.
REG6 should be the last REG to be written as part of initialization.
Field
R/W/C
Description
31
-
Reserved
1
All incoming packets will be received
30
R/W
RA - Receive All
0
Filtering mode
29:23
-
Reserved.--Written as “0” for future compatibility concern.
1
Threshold is 10Mb/s
22
R/W
TTM - Transmit Threshold Mode
0
Threshold is 100Mb/s
1
Enable Store and Forward
21
R/W
SF - Store and Forward
0
Disable Store and Forward
20
-
Reserved.--Written as “0” for future compatibility concern.
1
Heartbeat Disable
19
R/W
HBD - Heartbeat Disable
0
Heartbeat Enable
1
MII port is selected.
18
R/W
PS - Port Select
0
N/A
17:16
-
Reserved.--Written as “0” for future compatibility concern.
TR - Threshold Control Bits
The threshold value has a direct impact on the AX88141 bus arbitration scheme . Transmission starts when the frame size
within the transmit FIFO is larger than the threshold. In addition, full frames with a length less than the threshold are also
transmitted. The transmit process must be in the stopped state to change these bits.
Controls the selected threshold level for the AX88141 transmit FIFO. Four threshold levels are allowed.
REG6<18>=0
REG6<18>=1
REG6<18>=1
REG6<21>
REG6<15:14>
REG6<22>=X
REG6<22>=1
REG6<22>=0
15:14
R/W
0
00
72
72
128
0
01
96
96
256
0
10
128
128
512
0
11
160
160
1024
1
XX
Store & Forward
Store & Forward
Store & Forward
1
Start Transmission
13
R/W
ST - Start/Stop Transmission
0
Stop Transmission
1
Enable force collision
12
R/W
FC - Force Collision Mode
0
Disable force collision
00 Normal
01 Internal Loop-back
11:10
R/W
OM - Operating Mode
10 External Loop-back
1
Full-Duplex
9
R/W
FD - Full-Duplex Mode
0
Half-Duplex
1
Accept broadcast packet
8
R/W
RB - Receive broadcast packet
0
Reject broadcast packet
1
Enable Pass All Multicast
7
R/W
PM - Pass All Multicast
0
Disable Pass All Multicast
6
R/W
PR - Promiscuous Mode
1
Indicates that any incoming valid frame is received, regardless
of its destination address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com