Electronic Components Datasheet Search
  English  ▼

X  

AX88141 Datasheet(PDF) 6 Page - ASIX Electronics Corporation

Part # AX88141
Description  100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88141 Datasheet(HTML) 6 Page - ASIX Electronics Corporation

Back Button AX88141 Datasheet HTML 2Page - ASIX Electronics Corporation AX88141 Datasheet HTML 3Page - ASIX Electronics Corporation AX88141 Datasheet HTML 4Page - ASIX Electronics Corporation AX88141 Datasheet HTML 5Page - ASIX Electronics Corporation AX88141 Datasheet HTML 6Page - ASIX Electronics Corporation AX88141 Datasheet HTML 7Page - ASIX Electronics Corporation AX88141 Datasheet HTML 8Page - ASIX Electronics Corporation AX88141 Datasheet HTML 9Page - ASIX Electronics Corporation AX88141 Datasheet HTML 10Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
AX88141
PRELIMINARY
ASIX ELECTRONICS CORPORATION
6
CONFIDENTIAL
1.0 Introduction
1.1 General Description:
l
The AX88141 Fast Ethernet Controller is a high performance and highly integrated PCI Bus Ethernet
Controller chip.
l
The AX88141 is cost effective, high performance solution for PCI add-in adapters, PC motherboards, or
bridge/hub applications.
l
It implements both 10Mbps and 100Mbps Ethernet function based on IEEE802.3u LAN standard.
l
The AX88141 contains a high speed 32 bit PCI Bus master interface to host CPU. Two large
independent transmit and receive FIFO allow the AX88141 to buffer the Ethernet packet efficiently.
l
The AX88141 support 10Mbps/100Mbps media-independent interface (MII) to simplify the design.
l
The AX88141 is compliant with the Network Device Class Power Management and the Communication
Device Class Power Management requirements under the OnNow Architecture for PC 97 and PC 98.
l
The AX88141 is compliant with the Advanced Configuration and Power Interface (ACPI) Specification
and the PCI Bus Power Management Interface Specification.
l
The AX88141 provide both PHY level or MAC level power management function.
l
The AX88141 provide magic packet algorithm with password to support ACPI function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com