Electronic Components Datasheet Search
  English  ▼

X  

AX88141 Datasheet(PDF) 12 Page - ASIX Electronics Corporation

Part # AX88141
Description  100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88141 Datasheet(HTML) 12 Page - ASIX Electronics Corporation

Back Button AX88141 Datasheet HTML 8Page - ASIX Electronics Corporation AX88141 Datasheet HTML 9Page - ASIX Electronics Corporation AX88141 Datasheet HTML 10Page - ASIX Electronics Corporation AX88141 Datasheet HTML 11Page - ASIX Electronics Corporation AX88141 Datasheet HTML 12Page - ASIX Electronics Corporation AX88141 Datasheet HTML 13Page - ASIX Electronics Corporation AX88141 Datasheet HTML 14Page - ASIX Electronics Corporation AX88141 Datasheet HTML 15Page - ASIX Electronics Corporation AX88141 Datasheet HTML 16Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
AX88141
PRELIMINARY
ASIX ELECTRONICS CORPORATION
12
CONFIDENTIAL
BR_A<15>
BR_A<14>
BR_A<13>
BR_A<12>
BR_A<11>
BR_A<10>
BR_A<9>
BR_A<8>
BR_A<7>
BR_A<6>
BR_A<5>
BR_A<4>
BR_A<3>
BR_A<2>
BR_A<1>
BR_A<0>
O
104,
103,
102,
101,
100,
99,
98,
97,
96,
95,
94,
93,
92,
91,
90,
89
Boot ROM address lines bit 15 to bit 0.
BR_D<7>
BR_D<6>
BR_D<5>
BR_D<4>
BR_D<3>
BR_D<2>
BR_D<1>
BR_D<0>/
SR_DO
I
88,
86,
85,
84,
83,
82,
81,
73
Boot ROM data lines bit 7 to bit 0.
Serial ROM data-out signal.
BR_CE#
O
78
Boot ROM chip enable.
SR_CK
O
76
Serial ROM clock signal.
SR_CS
O
77
Serial ROM chip-select signal.
SR_DI
O
79
Serial ROM data-in signal.
GENP<1>
GENP<0>
I/O
106,
105
General-purpose pins can be used by software as either status pins or control pins. These pins can be
configured by software to perform either input or output functions.
Tab - 2 Boot ROM , Serial ROM , General-purpose signals group
2.4 MII interface signals group
SIGNAL
TYPE PIN
NUMBER
FOR 160 PIN
DESCRIPTION
COL
I
113
Collision detected is asserted when detected by an external physical layer protocol(PHY)
device.
CRS
I
114
Carrier sense is asserted by the PHY when the media is active.
RXDV
I
111
Data valid is asserted by an external PHY when receive data is present on the RXD lines
and is deasserted at the end of the packet. This signal should be synchronized with the
RXCLK signal.
RXER
I
109
Receive error asserts when a data decoding error is detected by an external PHY device.
This signal is synchronized to RXCLK and can be asserted for a minimum of one receive
clock. When asserted during a packet reception, it sets the cyclic redundancy check(CRC)
error bit in the receive descriptor (RDESO).
MDC
O
108
MII management data clock is sourced by the AX88141 to the PHY devices as a timing
reference for the transfer of information on the MII_MDIO signal.
MDIO
I/O
107
MII management data input/output transfers control information and status between the
PHY and the AX88141.
RXCLK
I
115
Supports either the 25-MHZ or 2.5-MHZ receive clock. This clock is recovered by the
PHY.
RXD<3>
RXD<2>
RXD<1>
RXD<0>
I
119,
118,
117,
116
Four parallel receive data lines When MII mode is selected. This data is driven by an
external PHY that attached the media and should be synchronized with the RXCLK signal.
TXCLK
I
121
Supports the 25-MHZ or 2.5-MHZ transmit clock supplied by the external physical layer
medium dependent (PMD) device. This clock should always be active.
TXD<3>
TXD<2>
TXD<1>
TXD<0>
O
128,
127,
125,
124
Four parallel transmit data lines. This data is synchronized to the assertion of the TXCLK
signal and is latched by the external PHY on the rising edge of the TXCLK signal.
TXEN
O
123
Transmit enable signals that the transmit is active to an external PHY device.
Tab - 3 MII interface signals group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com