Electronic Components Datasheet Search
  English  ▼

X  

AX88141 Datasheet(PDF) 23 Page - ASIX Electronics Corporation

Part # AX88141
Description  100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88141 Datasheet(HTML) 23 Page - ASIX Electronics Corporation

Back Button AX88141 Datasheet HTML 19Page - ASIX Electronics Corporation AX88141 Datasheet HTML 20Page - ASIX Electronics Corporation AX88141 Datasheet HTML 21Page - ASIX Electronics Corporation AX88141 Datasheet HTML 22Page - ASIX Electronics Corporation AX88141 Datasheet HTML 23Page - ASIX Electronics Corporation AX88141 Datasheet HTML 24Page - ASIX Electronics Corporation AX88141 Datasheet HTML 25Page - ASIX Electronics Corporation AX88141 Datasheet HTML 26Page - ASIX Electronics Corporation AX88141 Datasheet HTML 27Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
AX88141
PRELIMINARY
ASIX ELECTRONICS CORPORATION
23
CONFIDENTIAL
0
Disable Promiscuous Mode.
5:4
-
Reserved.--Written as “0” for future compatibility concern.
1
All incoming frames that passed the address filtering are
received, including runt frames, collided fragments, or
truncated frames caused by FIFO over-flow. If any received bad
frames are required, promiscuous mode (REG6<6>) should be
set to 1.
3
R/W
PB - Pass Bad Frames
0
Disable pass bad frame.
2
-
Reserved.--Written as “0” for future compatibility concern.
1
Start Receive
1
R/W
SR - Start/Stop Receive
0
Stop Receive
1
AX88141 Mode.
0
R/W
FIFO Mode
0
AX88140 Mode.
Tab - 27 REG6 Operation Mode Register Description
Port and Data Rate Selection
REG6
<18>
REG6
<22>
ACTIVE
PORT
DATA
RATE
FUNCTION
1
1
MII
10MB/S
MII with transmit FIFO thresholds appropriate for 10MB/S
1
0
MII
100MB/S MII with transmit FIFO thresholds appropriate for 100MB/S
Tab - 28 Port and Data Rate Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com