Electronic Components Datasheet Search
  English  ▼

X  

AX88141 Datasheet(PDF) 19 Page - ASIX Electronics Corporation

Part # AX88141
Description  100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88141 Datasheet(HTML) 19 Page - ASIX Electronics Corporation

Back Button AX88141 Datasheet HTML 15Page - ASIX Electronics Corporation AX88141 Datasheet HTML 16Page - ASIX Electronics Corporation AX88141 Datasheet HTML 17Page - ASIX Electronics Corporation AX88141 Datasheet HTML 18Page - ASIX Electronics Corporation AX88141 Datasheet HTML 19Page - ASIX Electronics Corporation AX88141 Datasheet HTML 20Page - ASIX Electronics Corporation AX88141 Datasheet HTML 21Page - ASIX Electronics Corporation AX88141 Datasheet HTML 22Page - ASIX Electronics Corporation AX88141 Datasheet HTML 23Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
AX88141
PRELIMINARY
ASIX ELECTRONICS CORPORATION
19
CONFIDENTIAL
4.2 Host REGs
4.2.1 Bus Mode Register (REG0)
FIELD
R/W/C
DESCRIPTION
31:22
-
RESERVED
21
R/W
RML - Read Multiple
When set, the AX88141 supports the memory-read-multiple command on the PCI bus. This bus command is used in
memory read bursts with more than one longword. When reset, the AX88141 uses memory-read command in all its
memory read accesses on the PCI bus.
20
R/W
DBO - Descriptor Byte Ordering Mode
When set, the AX88141 operates in big edian ordering mode for descriptors only.
When reset, the AX88141 operates in little endian mode.
19:14
-
Reserved.--Written as “0” for future compatibility concern.
13:8
R/W
PBL - Programmable Burst Length
Indicates the maximum number of longwords to be transfered in one DMA transaction. If reset, the AX88141 burst is
limited only by the amount of data stored in the receive FIFO (at least 16 longword), or by the amount of free space in
the transmit FIFO (at least 16 longword) before issuing a bus request. The PBL can be programmed with permissible
values 0,1,2,4,8,16, or 32. After reset, the PBL default value is 0.
7
R/W
BLE - Big/Little Endian
When set, the AX88141 operates in big endian byte ordering mode. When reset, the AX88141 operates in little endian
byte ordering mode. Big endian is applicable only for data buffer
6:2
-
RESERVED
1
R/W
BAR - Bus Arbitration
Selects the internal bus arbitration between the receive and transmit processes.
When set, a round robin arbitration scheme is applied resulting in equal sharing between processes. When reset, the
receive process has priority over the transmit process, unless the AX88141 is currently transmitting.
0
R/W
SWR - Software Reset
When set, the AX88141 resets all internal hardware with the exception of the configuration area and also, it does not
change the port select setting (REG6<18>).
Software reset does not affect the configuration area.
Tab - 19 REG0 Bus Mode Register Description
4.2.2 Magic Packet Password Low (REG0B)
FIELD
R/W
DESCRIPTION
31:0
R/W
MPPL - Magic Packet Password Low
This register contains the magic packet password bits 31 to 0.
Tab - 20 REG1 Transmit Poll Demand Register Description
4.2.3 Transmit Poll Demand (REG1)
FIELD
R/W
DESCRIPTION
31:0
W
TPD - Transmit Poll Demand
When written with any value, the AX88141 checks for frames to be transmitted. If no descriptor is available, the transmit
process returns to the suspended states and REG5<2> is asserted. If the descriptor is available the transmit process resumes.
Tab - 21 REG1 Transmit Poll Demand Register Description
4.2.4 Magic Packet Password High (REG1B)
FIELD
R/W
DESCRIPTION
31:16
R
Reserved
15:0
R/W
MPPH - Magic Packet Password High
This register contains the magic packet password bits 47 to 32.
Tab - 22 REG1 Transmit Poll Demand Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com