Electronic Components Datasheet Search
  English  ▼

X  

AX88141 Datasheet(PDF) 26 Page - ASIX Electronics Corporation

Part # AX88141
Description  100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88141 Datasheet(HTML) 26 Page - ASIX Electronics Corporation

Back Button AX88141 Datasheet HTML 22Page - ASIX Electronics Corporation AX88141 Datasheet HTML 23Page - ASIX Electronics Corporation AX88141 Datasheet HTML 24Page - ASIX Electronics Corporation AX88141 Datasheet HTML 25Page - ASIX Electronics Corporation AX88141 Datasheet HTML 26Page - ASIX Electronics Corporation AX88141 Datasheet HTML 27Page - ASIX Electronics Corporation AX88141 Datasheet HTML 28Page - ASIX Electronics Corporation AX88141 Datasheet HTML 29Page - ASIX Electronics Corporation AX88141 Datasheet HTML 30Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
AX88141
PRELIMINARY
ASIX ELECTRONICS CORPORATION
26
CONFIDENTIAL
Tab - 32 REG11 General -Purpose Timer Register Description
4.2.14 General -Purpose Port Register (REG12)
Field
R/W/C
Description
31:9
-
Reserved.--Written as “0” for future compatibility concern.
1
Indicate next write REG12<7:0> is use for define
General purpose port in/out direction.
8
R/W
GPC - General Purpose Control .
When a hardware reset is initiated, all gep pins
become input pins.
0
Indicate next write REG12<7:0> is use for read/write
general purpose port data.
7:0
R/W
MD - General Purpose Mode and Data
Tab - 33 REG12 General -Purpose Port Register Description
4.2.15 Filtering Index (REG13)
FIELD
R/W/C
DESCRIPTION
31:6
-
Reserved.--Written as “0” for future compatibility concern.
5:0
R/W
FI - Filtering Index
When writing data to filtering buffer, uses filtering index register REG13 to point the position (buffer number) in
filtering buffer. The valid value is between 0 and 3.
Tab - 34 REG13 Filtering Index Register Description
4.2.16 Filtering data (REG14)
FIELD
R/W/C
DESCRIPTION
31:0
R/W
FD - Filtering Data
By indexed by filtering index register REG13, write the filtering data register REG14 to put filtering address/hash table
into filtering buffer..
Tab - 35 REG14 Filtering Data Register Description
Filtering Buffer
The AX88141 stores one Ethernet address for local physical address and filters the packets
with multicast addresses by 64 bits array. For any incoming frame with a multicast destination
address, the AX88141 applies the standard Ethernet cyclic redundancy check function to the
destination address, then uses the most significant 6 bits of the result as a bit index into the table. If
the indexed bit is set, the frame is accepted. If the bit is reset, the frame is rejected.
Description of Filtering Buffer
BUFFER
NUMBER
DESCRIPTION
0
BYTE 0 - 3 OF LOCAL PHYSICAL ADDRESS
1
BYTE 4 - 5 OF LOCAL PHYSICAL ADDRESS IN THE LEAST SIGNIFICANT WORD
2
BIT 0 - 31 OF MULTICAST ADDRESS FILTERING TABLE
3
Bit 32 - 63 of multicast address filtering table
Tab - 36 Description of Filtering Buffer
Layout of Filtering Buffer
BUFFER
NUMBER
BYTE 3
BYTE 2
BYTE 1
BYTE 0
0
PHYSICAL ADDRESS
BYTE 3
PHYSICAL ADDRESS
BYTE 2
PHYSICAL ADDRESS
BYTE 1
PHYSICAL ADDRESS BYTE 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com