Electronic Components Datasheet Search
  English  ▼

X  

AX88141 Datasheet(PDF) 18 Page - ASIX Electronics Corporation

Part # AX88141
Description  100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88141 Datasheet(HTML) 18 Page - ASIX Electronics Corporation

Back Button AX88141 Datasheet HTML 14Page - ASIX Electronics Corporation AX88141 Datasheet HTML 15Page - ASIX Electronics Corporation AX88141 Datasheet HTML 16Page - ASIX Electronics Corporation AX88141 Datasheet HTML 17Page - ASIX Electronics Corporation AX88141 Datasheet HTML 18Page - ASIX Electronics Corporation AX88141 Datasheet HTML 19Page - ASIX Electronics Corporation AX88141 Datasheet HTML 20Page - ASIX Electronics Corporation AX88141 Datasheet HTML 21Page - ASIX Electronics Corporation AX88141 Datasheet HTML 22Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
AX88141
PRELIMINARY
ASIX ELECTRONICS CORPORATION
18
CONFIDENTIAL
4.0 Registers Operation
1.
The REGs are quad-word aligned, 32-bits long, and must be accessed using long-word
instruction with quad-word aligned addresses only.
2.
Reserved bits should be written with 0.; Reserved bits are UNPREDICTABLE on read access.
3.
Retries on second data transactions occur in response to burst accesses.
4.1 Registers Mapping
REGISTER
MEANING
OFFSET FROM REG BASE ADDRESS
(CBIO,CBMA)
REG0
BUS MODE
00H
REG0B
MAGIC PACKET PASSWORD LOW <31:0>
04H
REG1
TRANSMIT POLL DEMAND
08H
REG1B
MAGIC PACKET PASSWORD HIGH <47:32>
0CH
REG2
RECEIVE POLL DEMAND
10H
REG3
RECEIVE LIST BASE ADDRESS
18H
REG4
TRANSMIT LIST BASE ADDRESS
20H
REG5
STATUS
28H
REG6
OPERATION MODE
30H
REG7
INTERRUPT ENABLE
38H
REG8
MISSED FRAME AND OVERFLOW COUNTER
40H
REG9
SERIAL ROM, AND MII MANAGEMENT
48H
REG10
-
50H
REG11
GENERAL-PURPOSE TIMER
58H
REG12
GENERAL-PURPOSE PORT
60H
REG13
FILTERING BUFFER INDEX
68H
REG14
FILTERING BUFFER DATA
70H
REG14B
RESERVED
74H
REG15
RESERVED
78H
REG15B
RESERVED
7CH
Tab - 18 Command and Status Register Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com