Electronic Components Datasheet Search
  English  ▼

X  

AX88141 Datasheet(PDF) 32 Page - ASIX Electronics Corporation

Part # AX88141
Description  100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88141 Datasheet(HTML) 32 Page - ASIX Electronics Corporation

Back Button AX88141 Datasheet HTML 28Page - ASIX Electronics Corporation AX88141 Datasheet HTML 29Page - ASIX Electronics Corporation AX88141 Datasheet HTML 30Page - ASIX Electronics Corporation AX88141 Datasheet HTML 31Page - ASIX Electronics Corporation AX88141 Datasheet HTML 32Page - ASIX Electronics Corporation AX88141 Datasheet HTML 33Page - ASIX Electronics Corporation AX88141 Datasheet HTML 34Page - ASIX Electronics Corporation AX88141 Datasheet HTML 35Page - ASIX Electronics Corporation AX88141 Datasheet HTML 36Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
AX88141
PRELIMINARY
ASIX ELECTRONICS CORPORATION
32
CONFIDENTIAL
1
UF - Under-flow Error
When set, indicates that the transmitter aborted the message because data arrived late from memory. Under-flow error indicates
that the AX88141 encountered an empty transmit FIFO while transmitting a frame. The transmission process enters the
suspended state and sets both transmit under-flow (REG5<0>) and transmit interrupt (REG5<0>).
0
DE - Deferred
When set, indicates that the AX88141 had to defer while ready to transmit a frame because the carrier was asserted.
Tab - 42 Transmit Descriptor 0
5.3.2 Transmit Descriptor 1 (TDES1)
Field
Description
31
IC - Interrupt on Completion
When set, the AX88141 sets transmit interrupt (REG5<0>) after the present frames has been transmitted. It is valid only when
first segment (TDES1<30>) is set.
1
Indicates that the buffer contains the last segment of a frame.
30
LS - Last Segment
0
Indicates that the buffer contains the first or middle segment of a frame.
1
Indicates that the buffer contains the first segment of a frame.
29
FS - First Segment
0
Indicates that the buffer contains the middle or last segment of a frame.
28:27
Reserved.--Written as “0” for future compatibility concern.
26
AC - Add CRC Disable
When set, the AX88141 does not append the CRC to the end of the transmitted frame. This field is valid only when first segment
(TDES1<29>) is set.
25:24
Reserved.--Written as “0” for future compatibility concern.
1
the AX88141 does not automatically add a padding field, so a packet
shorter than 64 bytes.
23
DPD - Disabled Padding
The CRC field is added despite the state of
the add CRC disable (TDES1<26>) flag.
0
The AX88141 automatically adds a padding field and also a CRC field to a
packet shorter than 64 bytes.
22:11
Reserved.--Written as “0” for future compatibility concern.
10:0
Data Buffer Size
Indicates the size, in bytes, of the data buffer. If this field is 0, the AX88141 ignores this buffer.
Tab - 43 Transmit Descriptor 1
5.3.3 Transmit Descriptor 2 (TDES2)
Field
Description
31:0
Data Buffer Pointer
Physical address of data buffer. There are no limitations on the buffer address alignment.
Tab - 44 Transmit Descriptor 2
5.3.4 Transmit Descriptor 3 (TDES3)
Field
Description
31:0
Address Pointer
Physical address of next descriptor address. There are no limitation on the buffer address alignment.
Tab - 45 Transmit Descriptor 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com