Electronic Components Datasheet Search
  English  ▼

X  

AX88141 Datasheet(PDF) 20 Page - ASIX Electronics Corporation

Part # AX88141
Description  100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88141 Datasheet(HTML) 20 Page - ASIX Electronics Corporation

Back Button AX88141 Datasheet HTML 16Page - ASIX Electronics Corporation AX88141 Datasheet HTML 17Page - ASIX Electronics Corporation AX88141 Datasheet HTML 18Page - ASIX Electronics Corporation AX88141 Datasheet HTML 19Page - ASIX Electronics Corporation AX88141 Datasheet HTML 20Page - ASIX Electronics Corporation AX88141 Datasheet HTML 21Page - ASIX Electronics Corporation AX88141 Datasheet HTML 22Page - ASIX Electronics Corporation AX88141 Datasheet HTML 23Page - ASIX Electronics Corporation AX88141 Datasheet HTML 24Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
AX88141
PRELIMINARY
ASIX ELECTRONICS CORPORATION
20
CONFIDENTIAL
4.2.5 Receive Poll Demand (REG2)
FIELD
R/W/C
DESCRIPTION
31:0
W
RPD - Receive Poll Demand
When written with any value, the AX88141 checks for receive descriptors to be required. If no descriptor is available,
the receive process returns to the suspended states and REG5<7> is not asserted. If the descriptor is available the receive
process resumes.
Tab - 23 REG2 Receive Poll Demand Register Description
4.2.6 Receive List Base Address (REG3)
1.
The register is used to point the AX88141 to the start of receive descriptors list.
2.
The descriptor list resides in physical memory space and must be longword aligned. The
AX88141 behaves UNPREDICTABLY when the list are not longword aligned.
3.
Writing to REG3 is permitted only when receive process is in the stopped state. That is, the
REG3 must be written before the receive START command is given .
REG3 Receive List Base Address Register Description
FIELD
R/W/C
DESCRIPTION
31:2
R/W
Start of receive list
1:0
R/W
Must be 00 for longword alignment
Tab - 24 REG3 Receive List Base Address Register Description
4.2.7 Transmit List Base Address (REG4)
1.
The register is used to point the AX88141 to the start of transmit descriptors list.
2.
The descriptor list resides in physical memory space and must be long-word aligned. The
AX88141 behaves UNPREDICTABLY when the list are not long-word aligned.
3.
Writing to REG4 is permitted only when transmit process is in the stopped state. That is, the
REG4 must be written before the transmit START command is given .
FIELD
R/W/C
DESCRIPTION
31:2
R/W
Start of transmit list
1:0
R/W
Must be 00 for long-word alignment
Tab - 25 REG4 Transmit List Base Address Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com