Electronic Components Datasheet Search
  English  ▼

X  

CP3BT13 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3BT13
Description  CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3BT13 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button CP3BT13 Datasheet HTML 24Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 25Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 26Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 27Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 28Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 29Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 30Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 31Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 232 page
background image
www.national.com
28
6.4.2
I/O Zone Configuration Register (IOCFG)
The IOCFG register is a word-wide, read/write register that
controls the timing and bus characteristics of accesses to
the 256-byte I/O Zone memory space (FF FB00h to FF
FBFFh). The registers associated with Port B and Port C re-
side in the I/O memory array. At reset, the register is initial-
ized to 069Fh. The register format is shown below.
WAIT
The Memory Wait Cycles field specifies the
number of TIW (internal wait state) clock cy-
cles added for each memory access, ranging
from 000 binary for no additional TIW wait cy-
cles to 111 binary for seven additional TIW
wait cycles.
HOLD
The Memory Hold Cycles field specifies the
number of Thold clock cycles used for each
memory access, ranging from 00b for no
Thold cycles to 11b for three Thold clock cy-
cles.
BW
The Bus Width bit defines the bus width of the
IO Zone.
0
– 8-bit bus width.
1
– 16-bit bus width (default)
IPST
The Post Idle bit controls whether an idle cycle
follows the current bus cycle, when the next
bus cycle accesses a different zone. No idle
cycles are required for on-chip accesses.
0
– No idle cycle (recommended).
1
– Idle cycle.
6.4.3
Static Zone 0 Configuration Register (SZCFG0)
The SZCFG0 register is a word-wide, read/write register
that controls the timing and bus characteristics of Zone 0
memory accesses. Zone 0 is used for the on-chip flash
memory (including the boot area, program memory, and
data memory).
At reset, the register is initialized to 069Fh. The register for-
mat is shown below.
WAIT
The Memory Wait field specifies the number
of TIW (internal wait state) clock cycles added
for each memory access, ranging from 000b
for no additional TIW wait cycles to 111b for
seven additional TIW wait cycles. These bits
are ignored if the SZCFG0.FRE bit is set.
HOLD
The Memory Hold field specifies the number
of Thold clock cycles used for each memory
access, ranging from 00b for no Thold cycles
to 11b for three Thold clock cycles. These bits
are ignored if the SZCFG0.FRE bit is set.
RBE
The Read Burst Enable enables burst cycles
on 16-bit reads from 8-bit bus width regions of
the address space. Because the flash pro-
gram memory is required to be 16-bit bus
width, the RBE bit is a don’t care bit. This bit
is ignored when the SZCFG0.FRE bit is set.
0
– Burst read disabled.
1
– Burst read enabled.
WBR
The Wait on Burst Read bit controls if a wait
state is added on burst read transaction. This
bit is ignored, when SZCFG0.FRE bit is set or
when SZCFG0.RBE is clear.
0
– No TBW on burst read cycles.
1
– One TBW on burst read cycles.
BW
The Bus Width bit controls the bus width of the
zone. The flash program memory must be
configured for 16-bit bus width.
0
– 8-bit bus width.
1
– 16-bit bus width (required).
FRE
The Fast Read Enable bit controls whether
fast read bus cycles are used. A fast read op-
eration takes one clock cycle. A normal read
operation takes at least two clock cycles.
0
– Normal read cycles.
1
– Fast read cycles.
IPST
The Post Idle bit controls whether an idle cycle
follows the current bus cycle, when the next
bus cycle accesses a different zone. No idle
cycles are required for on-chip accesses.
0
– No idle cycle (recommended).
1
– Idle cycle inserted.
7
6
5
4
3
2
0
BW
Reserved
HOLD
WAIT
15
10
9
8
Reserved
IPST
Res.
7
6
5
4
3
2
0
BW
WBR
RBE
HOLD
WAIT
15
12
11
10
9
8
Reserved
FRE
IPRE
IPST
Res.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com