Electronic Components Datasheet Search
  English  ▼

X  

CP3BT13 Datasheet(PDF) 98 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3BT13
Description  CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3BT13 Datasheet(HTML) 98 Page - National Semiconductor (TI)

Back Button CP3BT13 Datasheet HTML 94Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 95Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 96Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 97Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 98Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 99Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 100Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 101Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 102Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 232 page
background image
www.national.com
98
16.10.5 Storage of Remote Messages
During remote frame transfer, the buffer registers DATA0–
DATA3 are “don’t cares”. If a remote frame is transmitted,
the contents of these registers are ignored. If a remote
frame is received, the contents of these registers will be
overwritten with invalid data. The structure of a message
buffer set up for a remote frame with extended identifier is
shown in Table 46.
SRR
The Substitute Remote Request bit replaces
the RTR bit used in standard frames at this bit
position. The SRR bit needs to be set by soft-
ware.
IDE
The Identifier Extension bit determines wheth-
er the message is a standard frame or an ex-
tended frame.
0 – Message is a standard frame using 11
identifier bits.
1 – Message is an extended frame.
RTR
The Remote Transmission Request bit indi-
cates whether the message is a data frame or
a remote frame.
0 – Message is a data frame.
1 – Message is a remote frame.
ID
The ID field is used to build the 29-bit identifier
of an extended frame. The ID[28:18] field is
used for the 11 standard frame identifier bits.
Table 46
Extended Remote Frame
Address
Buffer
Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0E F0XEh
ID1
ID[28:18]
SRR IDE
ID17:15]
0E F0XCh
ID0
ID[14:0]
RTR
0E F0XAh
DATA0
Don’t Care
0E F0X8h
DATA1
0E F0X6h
DATA2
0E F0X4h
DATA3
0E F0X2h
TSTP
TSTP
0E F0X0h
CNSTAT
DLC
Reserved
PRI
ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com