Electronic Components Datasheet Search
  English  ▼

X  

CP3BT13 Datasheet(PDF) 55 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3BT13
Description  CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3BT13 Datasheet(HTML) 55 Page - National Semiconductor (TI)

Back Button CP3BT13 Datasheet HTML 51Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 52Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 53Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 54Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 55Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 56Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 57Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 58Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 59Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 232 page
background image
55
www.national.com
The value of R should be less than 50K ohms. The RC time
constant of the circuit should be 5 times the power supply
rise time. The time constant also should exceed the stabili-
zation time for the high-frequency oscillator.
11.9
CLOCK AND RESET REGISTERS
Table 25 lists the clock and reset registers.
11.9.1
Clock and Reset Control Register (CRCTRL)
The CRCTRL register is a byte-wide read/write register that
controls the clock selection and contains the power-on reset
status bit. At reset, the CRCTRL register is initialized as de-
scribed below:
SCLK
The Slow Clock Select bit controls the clock
source used for the Slow Clock.
0
– Slow Clock driven by prescaled Main
Clock.
1
– Slow Clock driven by 32.768 kHz oscilla-
tor.
FCLK
The Fast Clock Select bit selects between the
12 MHz Main Clock and the PLL as the source
used for the System Clock. After reset, the
Main Clock is selected. Attempting to switch to
the PLL while the PLLPWD bit is set (PLL is
turned off) is ignored. Attempting to switch to
the PLL also has no effect if the PLL output
clock has not stabilized.
0
– The System Clock prescaler is driven by
the output of the PLL.
1
– The System Clock prescaler is driven by
the 12-MHz Main Clock. This is the de-
fault after reset.
PLLPWD
The PLL Power-Down bit controls whether the
PLL is active or powered down (Stop PLL sig-
nal asserted). When this bit is set, the on-chip
PLL stays powered-down. Otherwise it is pow-
ered-up or it can be controlled by the Power
Management Module, respectively. Before
software can power-down the PLL in Active
mode by setting the PLLPWD bit, the FCLK bit
must be set. Attempting to set the PLLPWD
bit while the FCLK bit is clear is ignored. The
FCLK bit cannot be cleared until the PLL clock
has stabilized. After reset this bit is set.
0
– PLL is active.
1
– PLL is powered down.
ACE1
When the Auxiliary Clock Enable bit is set and
a stable Main Clock is provided, the Auxiliary
Clock 1 prescaler is enabled and generates
the first Auxiliary Clock. When the ACE1 bit is
clear or the Main Clock is not stable, Auxiliary
Clock 1 is stopped. Auxiliary Clock 1 is used
as the clock input for the Bluetooth LLC and
the audio interface. After reset this bit is clear.
0
– Auxiliary Clock 1 is stopped.
1
– Auxiliary Clock 1 is active if the Main
Clock is stable.
ACE2
When the Auxiliary Clock Enable 2 bit is set
and a stable Main Clock is provided, the Aux-
iliary Clock 2 prescaler is enabled and gener-
ates Auxiliary Clock 2. When the ACE2 bit is
clear or the Main Clock is not stable, the Aux-
iliary Clock 2 is stopped. Auxiliary Clock 2 is
used as the clock input for the CVSD/PCM
transcoder. After reset this bit is clear.
0
– Auxiliary Clock 2 is stopped.
1
– Auxiliary Clock 2 is active if the Main
Clock is stable.
POR
Power-On-Reset - The Power-On-Reset bit is
set when a power-turn-on condition has been
detected. This bit can only be cleared by soft-
ware, not set. Writing a 1 to this bit will be ig-
nored, and the previous value of the bit will be
unchanged.
0
– Software cleared this bit.
1
– Software has not cleared his bit since the
last reset.
Table 25
Clock and Reset Registers
Name
Address
Description
CRCTRL
FF FC40h
Clock and Reset
Control Register
PRSFC
FF FC42h
High Frequency Clock
Prescaler Register
PRSSC
FF FC44h
Low Frequency Clock
Prescaler Register
PRSAC
FF FC46h
Auxiliary Clock
Prescaler Register
7
6
5
4
3
2
1
0
Reserved
POR ACE2 ACE1 PLLPWD FCLK SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com