Electronic Components Datasheet Search
  English  ▼

X  

CP3BT13 Datasheet(PDF) 68 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3BT13
Description  CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3BT13 Datasheet(HTML) 68 Page - National Semiconductor (TI)

Back Button CP3BT13 Datasheet HTML 64Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 65Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 66Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 67Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 68Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 69Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 70Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 71Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 72Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 232 page
background image
www.national.com
68
15.0 Bluetooth Controller
The integrated hardware Bluetooth Lower Link Controller
(LLC) complies to the Bluetooth Specification Version 1.1
and integrates the following functions:
4.5K-byte dedicated Bluetooth data RAM
1K-byte dedicated Bluetooth Sequencer RAM
Support of all Bluetooth 1.1 packet types
Support for fast frequency hopping of 1600 hops/s
Access code correlation and slot timing recovery circuit
Power Management Control Logic
BlueRF-compatible interface to connect with National’s
LMX5252 and other RF transceiver chips
For a detailed description of the interface to the LMX5252,
consult the LMX5252 data sheet which is available from the
National Semiconductor wireless group. National provides
software libraries for using the Bluetooth LLC. Documenta-
tion for the software libraries is also available from National
Semiconductor.
15.1
RF INTERFACE
The CP3BT13 interfaces to the LMX5251 or LMX5252 radio
chips though the RF interface.
Figure 9 shows the interface between the CP3BT13 and the
LMX5251 radio chip.
Figure 9.
LMX5251 Interface
Figure 10 shows the interface between the CP3BT13 and
the LMX5252 radio chip.
Figure 10.
LMX5252 Interface
The CP3BT13 implements a BlueRF-compatible interface,
which may be used with other RF transceiver chips.
15.1.1
RF Interface Signals
The RF interface signals are grouped as follows:
Modem Signals (BBCLK, RFDATA, and RFSYNC)
Control Signal (RFCE)
Serial Interface Signals (SCLK, SDAT, and SLE)
Bluetooth
Sequencer
Status
Signals
(BTSEQ1,
BTSEQ2, and BTSEQ2)
X1CKI/BBCLK
The X1CKI/BBCLK pin is the input signal for the 12-MHz
clock signal. The radio chip uses this signal internally as the
12× oversampling clock and provides it externally to the
CP3BT13 for use as the Main Clock.
RFDATA
The RFDATA signal is the multiplexed Bluetooth data re-
ceive and transmit signal. The data is provided at a bit rate
of 1Mbit/s with 12× oversampling, synchronized to the 12
MHz BBCLK. The RFDATA signal is a dedicated RF inter-
face pin. This signal is driven to a logic high level after reset.
RFSYNC
In receive mode (data direction from the radio chip to the
CP3BT13), the RFSYNC signal acts as the frequency cor-
rection/DC compensation circuit control output to the radio
chip. The RFSYNC signal is driven low throughout the cor-
relation phase and driven high when synchronization to the
received access code is achieved.
In transmit mode (data direction from the CP3BT13 to the
radio chip), the RFSYNC signal enables the RF output of
the radio chip. When the RFSYNC pin is driven high, the RF
CP3BT13
LMX5251
X1CKI/BBCLK
BBP_CLOCK
RFDATA
TX_RX_DATA
PI0/RFSYNC
TX_RX_SYNC
PI3/SCLK
CCB_CLOCK
PI4/SDAT
CCB_DATA
PI1/RFCE
CE
IOVCC
VDD_DIG_IN
VCC
PI5/SLE
CCB_LATCH
DS143
CP3BT13
LMX5252
X1CKI/BBCLK
BRCLK
RFDATA
BBDATA_1
PI2/BTSEQ1
BPKTCTL
PI3/SCLK
BDCLK
PI4/SDAT
BDDATA
PI1/RFCE
BXTLEN
IOVCC
VCC
+2.8V
PI5/SLE
BDEN#
DS318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com