Electronic Components Datasheet Search
  English  ▼

X  

CP3BT13 Datasheet(PDF) 69 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3BT13
Description  CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3BT13 Datasheet(HTML) 69 Page - National Semiconductor (TI)

Back Button CP3BT13 Datasheet HTML 65Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 66Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 67Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 68Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 69Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 70Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 71Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 72Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 73Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 232 page
background image
69
www.national.com
transmitter circuit of the radio chip is enabled, correspond-
ing to the settings of the power control register in the radio
chip.
The RFSYNC signal is the alternate function of the general-
purpose I/O pin PI0. At reset, this pin is in TRI-STATE mode.
Software must enable the alternate function of the PI0 pin to
give control over this signal to the RF interface.
RFCE
The RFCE signal is the chip enable output to the external
RF chip. When the RFCE signal is driven high, the RF chip
power is controlled by the settings of its power control reg-
isters. When the RFCE signal is driven low, the RF chip is
powered-down. However, the serial interface is still opera-
tional and the CP3BT13 can still access the RF chip internal
control registers.
The RFCE signal is the alternate function of the general-
purpose I/O pin PI1. At reset, this pin is in TRI-STATE mode.
Software must enable the alternate function of the PI1 pin to
give control over this signal to the RF interface.
During Bluetooth power-down phases, the CP3BT13 pro-
vides a mechanism to reduce the power consumption of an
external RF chip by driving the RFCE signal of the RF inter-
face to a logic low level. This feature is available when the
Power Management Module of the CP3BT13 has enabled
the Hardware Clock Control mechanism.
SCLK
The SCLK signal is the serial interface shift clock output.
The CP3BT13 always acts as the master of the serial inter-
face and therefore always provides the shift clock. The
SCLK signal is the alternate function of the general-purpose
I/O pin PI3. At reset, this pin is in TRI-STATE mode. Soft-
ware must enable the alternate function of the PI3 pin to
give control over this signal to the RF interface.
SDAT
The SDAT signal is the multiplexed serial data receive and
transmit path between the radio chip and the CP3BT13.
The SDAT signal is the alternate function of the general-pur-
pose I/O pin PI4. At reset, this pin is in TRI-STATE mode.
Software must enable the alternate function of the PI4 pin to
give control over this signal to the RF interface.
SLE
The SLE pin is the serial load enable output of the serial in-
terface of the CP3BT13.
During write operations (to the radio chip registers), the data
received by the shift register of the radio chip is copied into
the address register on the next rising edge of SCLK after
the SLE signal goes high.
During read operations (read from the registers), the radio
chip releases the SDAT line on the next rising edge of SCLK
after the SLE signal goes high.
SLE is the alternate function of the general-purpose I/O pin
PI5. At reset, this pin is in TRI-STATE mode. Software must
enable the alternate function of the PI5 pin to give control
over this signal to the RF interface.
BTSEQ[3:1]
The BTSEQ[3:1] signals indicate internal states of the Blue-
tooth sequencer, which are used for interfacing to some ex-
ternal devices.
15.2
SERIAL INTERFACE
The radio chip register set can be accessed by the
CP3BT13 through the serial interface. The serial interface
uses three pins of the RF interface: SDAT, SCLK, and SLE.
The serial interface of the CP3BT13 always operates as the
master, providing the shift clock (SCLK) and load enable
(SLE) signal to the LMX5252. The LMX5252 always acts as
the slave.
A 25-bit shift protocol is used to perform read/write access-
es to the radio chip internal registers. The complete protocol
is comprised of the following sections:
3-bit Header Field
Read/Write Bit
5-bit Address Field
16-bit Data Field
Header
The 3-bit header contains the fixed data 101b (except for
Fast Write Operations).
Read/Write Bit
The header is followed by the read/write control bit (R/W). If
the Read/Write bit is clear, a write operation is performed
and the 16-bit data portion is copied into the addressed ra-
dio chip register.
Address
The address field is used to select one of the radio chip in-
ternal registers.
Data
The data field is used to transfer data to or from a radio chip
register. The timing is modified for reads, to transfer control
over the data signal from the CP3BT13 to the radio chip.
Figure 11 shows the serial interface protocol format.
Figure 11.
Serial Interface Protocol Format
Data is transferred on the serial interface with the most sig-
nificant bit (MSB) first.
15
0
Data[15:0]
24
22
21
20
16
Header[2:0]
R/W
Address[4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com