Electronic Components Datasheet Search
  English  ▼

X  

CP3BT13 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3BT13
Description  CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3BT13 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button CP3BT13 Datasheet HTML 32Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 33Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 34Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 35Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 36Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 37Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 38Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 39Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 232 page
background image
www.national.com
36
WRPROT
The WRPROT field controls the global write
protection mechanism for the on-chip flash
program memory. If a majority of the three
WRPROT bits are clear, the flash program
memory is protected against write access
from any source and read access from the se-
rial debug interface. If a majority of the WR-
PROT bits are set, write access is allowed.
8.5
FLASH MEMORY INTERFACE
REGISTERS
There is a separate interface for the program flash and data
flash memories. The same set of registers exist in both in-
terfaces. In most cases they are independent of each other,
but in some cases the program flash interface controls the
interface for both memories, as indicated in the following
sections. Table 18 lists the registers.
8.5.1
Flash Memory Information Block Address
Register (FMIBAR/FSMIBAR)
The FMIBAR register specifies the 8-bit address for read or
write access to an information block. Because only word ac-
cess to the information blocks is supported, the least signif-
icant bit (LSB) of the FMIBAR must be 0 (word-aligned). The
hardware automatically clears the LSB, without regard to
the value written to the bit. The FMIBAR register is cleared
after device reset. The CPU bus master has read/write ac-
cess to this register.
IBA
The Information Block Address field holds the
word-aligned address of an information block
location accessed during a read or write
transaction. The LSB of the IBA field is always
clear.
8.5.2
Flash Memory Information Block Data Register
(FMIBDR/FSMIBDR)
The FMIBDR register holds the 16-bit data for read or write
access to an information block. The FMIBDR register is
cleared after device reset. The CPU bus master has read/
write access to this register.
IBD
The Information Block Data field holds the
data word for access to an information block.
For write operations the IBD field holds the
data word to be programmed into the informa-
tion block location specified by the IBA ad-
Table 18
Flash Memory Interface Registers
Program
Memory
Data
Memory
Description
FMIBAR
FF F940h
FSMIBAR
FF F740h
Flash Memory
Information Block
Address Register
FMIBDR
FF F942h
FSMIBDR
FF F742h
Flash Memory
Information Block
Address Register
FM0WER
FF F944h
FSM0WER
FF F744h
Flash Memory 0
Write Enable Register
FM1WER
FF F946h
N/A
Flash Memory 1
Write Enable Register
FMCTRL
FF F94Ch
FSMCTRL
FF F74Ch
Flash Memory
Control Register
FMSTAT
FF F94Eh
FSMSTAT
FF F74Eh
Flash Memory
Status Register
FMPSR
FF F950h
FSMPSR
FF F750h
Flash Memory
Prescaler Register
FMSTART
FF F952h
FSMSTART
FF F752h
Flash Memory Start
Time Reload Register
FMTRAN
FF F954h
FSMTRAN
FF F754h
Flash Memory
Transition Time
Reload Register
FMPROG
FF F956h
FSMPROG
FF F756h
Flash Memory
Programming Time
Reload Register
FMPERASE
FF F958h
FSMPERASE
FF F758h
Flash Memory Page
Erase Time Reload
Register
FMMERASE0
FF F95Ah
FSMMERASE0
FF F75Ah
Flash Memory Module
Erase Time Reload
Register 0
FMEND
FF F95Eh
FSMEND
FF F75Eh
Flash Memory End
Time Reload Register
FMMEND
FF F960h
FSMMEND
FF F760h
Flash Memory Module
Erase End Time
Reload Register
FMRCV
FF F962h
FSMRCV
FF F762h
Flash Memory
Recovery Time
Reload Register
FMAR0
FF F964h
FSMAR0
FF F764h
Flash Memory
Auto-Read Register 0
FMAR1
FF F966h
FSMAR1
FF F766h
Flash Memory
Auto-Read Register 1
FMAR2
FF F968h
FSMAR2
FF F768h
Flash Memory
Auto-Read Register 2
15
8
7
0
Reserved
IBA
15
0
IBD
Table 18
Flash Memory Interface Registers
Program
Memory
Data
Memory
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com