Electronic Components Datasheet Search
  English  ▼

X  

CP3BT13 Datasheet(PDF) 86 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3BT13
Description  CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3BT13 Datasheet(HTML) 86 Page - National Semiconductor (TI)

Back Button CP3BT13 Datasheet HTML 82Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 83Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 84Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 85Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 86Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 87Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 88Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 89Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 90Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 232 page
background image
www.national.com
86
buffer status field. With this lock function, software has the
capability to save several messages with the same identifier
or same identifier group into more than one buffer. For ex-
ample, a buffer with the second highest priority will receive
a message if the buffer with the highest priority has already
received a message and is now locked (provided that both
buffers use the same acceptance filtering mask).
As shown in Figure 39, several messages with the same ID
are received while BUFFLOCK is enabled. The filtering
mask of the buffers 0, 1, 13, and 14 is set to accept this mes-
sage. The first incoming frame will be received by buffer 0.
Because buffer 0 is now locked, the next frame will be re-
ceived by buffer 1, and so on. If all matching receive buffers
are full and locked, a further incoming message will not be
received by any buffer.
Figure 39.
Message Storage with BUFFLOCK Enabled
16.5
RECEIVE STRUCTURE
All received frames are initially buffered in a hidden receive
buffer until the frame is valid. (The validation point for a re-
ceived message is the next-to-last bit of the EOF.) The re-
ceived identifier is then compared to every buffer ID
together with the respective mask and the status. As soon
as the validation point is reached, the whole contents of the
hidden buffer are copied into the matching message buffer
as shown in Figure 40.
Note: The hidden receive buffer must not be accessed by
the CPU.
Figure 40.
Receive Buffer
The following section gives an overview of the reception of
the different types of frames.
The received data frame is stored in the first matching re-
ceive buffer beginning with buffer 0. For example, if the mes-
sage is accepted by buffer 5, then at the time the message
will be copied, the RX request is cleared and the CAN mod-
ule will not try to match the frame to any subsequent buffer.
10101010
01010
Received ID
GMASK
10101010
10101010
11111111
00000
00000000
00000000
11111111
00000
BMASK
BUFFER14_ID
Saved when buffer
is empty
Saved when buffer
is empty
Saved when buffer
is empty
Saved when buffer
is empty
00000000
00000000
XXXXXXXX
01010
10101010
10101010
XXXXXXXX
01010
BUFFER1_ID
BUFFER13_ID
10101010
10101010
XXXXXXXX
01010
10101010
10101010
BUFFER0_ID
XXXXXXXX
01010
10101010
10101010
DS035
Hidden
Receive
Buffer
CR16CAN
Buffer 0
BUFFER_ID
Buffer 13
BUFFER_ID
Buffer 14
BUFFER_ID
DS036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com