Electronic Components Datasheet Search
  English  ▼

X  

CP3BT13 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3BT13
Description  CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3BT13 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button CP3BT13 Datasheet HTML 8Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 9Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 10Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 11Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 12Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 13Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 14Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 15Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 232 page
background image
www.national.com
12
4.1
PIN DESCRIPTIONS
Some pins may be enabled as general-purpose I/O-port
pins or as alternate functions associated with specific pe-
ripherals or interfaces. These pins may be individually con-
figured as port pins, even when the associated peripheral or
interface is enabled. Table 4 lists the device pins.
Table 4
CP3BT13 Pin Descriptions for the 100-Pin LQFP Package
Name
Pins
I/O
Primary Function
Alternate
Name
Alternate Function
X1CKI
1
Input
12 MHz Oscillator Input
BBCLK
BB reference clock for the RF Interface
X1CKO
1
Output
12 MHz Oscillator Output
None
None
X2CKI
1
Input
32 kHz Oscillator Input
None
None
X2CKO
1
Output
32 kHz Oscillator Output
None
None
AVCC
1
Input
PLL Analog Power Supply
None
None
IOVCC
4
Input
2.5V - 3.3V I/O Power Supply
None
None
VCC
2
Input
2.5V Core Logic
Power Supply
None
None
GND
6
Input
Reference Ground
None
None
AGND
1
Input
PLL Analog Ground
None
None
RESET
1
Input
Chip general reset
None
None
TMS
1
Input
JTAG Test Mode Select
(with internal weak pull-up)
None
None
TDI
1
Input
JTAG Test Data Input
(with internal weak pull-up)
None
None
TDO
1
Output
JTAG Test Data Output
None
None
TCK
1
Input
JTAG Test Clock Input
(with internal weak pull-up)
None
None
RDY
1
Output
NEXUS Ready Output
None
None
PG0
1
I/O
Generic I/O
RXD
UART Receive Data Input
WUI10
Multi-Input Wake-Up Channel 10
PG1
1
I/O
Generic I/O
TXD
UART Transmit Data Output
WUI11
Multi-Input Wake-Up Channel 11
PG2
1
I/O
Generic I/O
RTS
UART Ready-To-Send Output
WUI12
Multi-Input Wake-Up Channel 12
PG3
1
I/O
Generic I/O
CTS
UART Clear-To-Send Input
WUI13
Multi-Input Wake-Up Channel 13
PG4
1
I/O
Generic I/O
CKX
UART Clock Input
TB
Multi Function Timer Port B
PG5
1
I/O
Generic I/O
SRFS
AAI Receive Frame Sync
NMI
Non-Maskable Interrupt Input
PG6
1
I/O
Generic I/O
CANRX
CAN Receive Pin
WUI14
Multi-Input Wake-Up Channel 14
PG7
1
I/O
Generic I/O
CANTX
CAN Transmit Pin
WUI15
Multi-Input Wake-Up Channel 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com