Electronic Components Datasheet Search
  English  ▼

X  

CP3BT13 Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3BT13
Description  CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3BT13 Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button CP3BT13 Datasheet HTML 59Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 60Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 61Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 62Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 63Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 64Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 65Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 66Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 232 page
background image
63
www.national.com
13.1.5
Wake-Up Interrupt Control Register 2
(WKICTL2)
The WKICTL2 register is a word-wide read/write register
that selects the interrupt request signal for the associated
MIWU channels WUI15 to WUI8. At reset, the WKICTL2
register is cleared, which selects MIWU Interrupt Request 0
for all eight channels. The register format is shown below.
WKINTR
The Wake-Up Interrupt Request Select fields
select which of the four MIWU interrupt re-
quests are activated for the corresponding
channel.
00 – Selects MIWU interrupt request 0.
01 – Selects MIWU interrupt request 1.
10 – Selects MIWU interrupt request 2.
11 – Selects MIWU interrupt request 3.
13.1.6
Wake-Up Pending Register (WKPND)
The WKPND register is a word-wide read/write register in
which the Multi-Input Wake-Up module latches any detect-
ed trigger conditions. The CPU can only write a 1 to any bit
position in this register. If the CPU attempts to write a 0, it
has no effect on that bit. To clear a bit in this register, the
CPU must use the WKPCL register. This implementation
prevents a potential hardware-software conflict during a
read-modify-write operation on the WKPND register.
This register is cleared upon reset. The register format is
shown below.
WKPD
The Wake-Up Pending bits indicate which
MIWU channels have been triggered. The
WKPD[15:0] bits correspond to the WUI[15:0]
channels. Writing 1 to a bit sets it.
0
– Trigger condition did not occur.
1
– Trigger condition occurred.
13.1.7
Wake-Up Pending Clear Register (WKPCL)
The Wake-Up Pending Clear (WKPCL) register is a word-
wide write-only register that lets the CPU clear bits in the
WKPND register. Writing a 1 to a bit position in the WKPCL
register clears the corresponding bit in the WKPND register.
Writing a 0 has no effect. Do not modify this register with in-
structions that access the register as a read-modify-write
operand, such as the bit manipulation instructions.
Reading this register location returns undefined data.
Therefore, do not use a read-modify-write sequence (such
as the SBIT instruction) to set individual bits. Do not attempt
to read the register, then perform a logical OR on the regis-
ter value. Instead, write the mask directly to the register ad-
dress. The register format is shown below.
WKCL
Writing 1 to a bit clears it.
0
– Writing 0 has no effect.
1
– Writing 1 clears the corresponding bit in
the WKPD register.
13.2
PROGRAMMING PROCEDURES
To set up and use the Multi-Input Wake-Up function, use the
following procedure. Performing the steps in the order
shown will prevent false triggering of a wake-up condition.
This same procedure should be used following a reset be-
cause the wake-up inputs are left floating, resulting in un-
known data on the input pins.
1. Clear the WKENA register to disable the MIWU chan-
nels.
2. Write the WKEDG register to select the desired type of
edge sensitivity (clear for rising edge, set for falling
edge).
3. Set all bits in the WKPCL register to clear any pending
bits in the WKPND register.
4. Set up the WKICTL1 and WKICTL2 registers to define
the interrupt request signal used for each channel.
5. Set the bits in the WKENA register corresponding to
the wake-up channels to be activated.
To change the edge sensitivity of a wake-up channel, use
the following procedure. Performing the steps in the order
shown will prevent false triggering of a wake-up/interrupt
condition.
1. Clear the WKENA bit associated with the input to be re-
programmed.
2. Write the new value to the corresponding bit position in
the WKEDG register to reprogram the edge sensitivity
of the input.
3. Set the corresponding bit in the WKPCL register to
clear the pending bit in the WKPND register.
4. Set the same WKENA bit to re-enable the wake-up
function.
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
WKIN
TR15
WKIN
TR14
WKIN
TR13
WKIN
TR12
WKIN
TR11
WKIN
TR10
WKIN
TR9
WKIN
TR8
15
0
WKPD
15
0
WKCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com