Electronic Components Datasheet Search
  English  ▼

X  

CP3BT13 Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3BT13
Description  CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3BT13 Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button CP3BT13 Datasheet HTML 63Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 64Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 65Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 66Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 67Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 68Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 69Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 70Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 232 page
background image
67
www.national.com
14.1.6
Port High Drive Strength Register (PxHDRV)
The PxHDRV register is a byte-wide, read/write register that
controls the slew rate of the corresponding pins. The high
drive strength function is enabled when the corresponding
bits of the PxHDRV register are set. In both GPIO and alter-
nate function modes, the drive strength function is enabled
by the PxHDRV registers. At reset, the PxHDRV registers
are cleared, making the ports low speed.
PxHDRV
The PxHDRV bits control whether output pins
are driven with slow or fast slew rate.
0
– Slow slew rate.
1
– Fast slew rate.
14.1.7
Port Alternate Function Select Register
(PxALTS)
The PxALTS register selects which of two alternate func-
tions are selected for the port pin. These bits are ignored
unless the corresponding PxALT bits are set. Each port pin
can be controlled independently.
PxALTS
The PxALTS bits select among two alternate
functions. Table 31 shows the mapping of the
PxALTS bits to the alternate functions. Un-
used PxALTS bits must be clear.
14.2
OPEN-DRAIN OPERATION
A port pin can be configured to operate as an inverting
open-drain output buffer. To do this, the CPU must clear the
bit in the data output register (PxDOUT) and then use the
port direction register (PxDIR) to set the value of the port
pin. With the direction register bit set (direction = out), the
value zero is forced on the pin. With the direction register bit
clear (direction = in), the pin is placed in the TRI-STATE
mode. If desired, the internal weak pull-up can be enabled
to pull the signal high when the output buffer is in TRI-
STATE mode.
7
0
PxHDRV
7
0
PxALTS
Table 31
Alternate Function Select
Port Pin
PxALTS = 0
PxALTS = 1
PG0
RXD
WUI10
PG1
TXD
WUI11
PG2
RTS
WUI12
PG3
CTS
WUI13
PG4
CKX
TB
PG5
SRFS
NMI
PG6
CANRX
WUI14
PG7
CANTX
WUI15
PH0
MSK
TIO1
PH1
MDIDO
TIO2
PH2
MDODI
TIO3
PH3
MWCS
TIO4
PH4
SCK
TIO5
PH5
SFS
TIO6
PH6
STD
TIO7
PH7
SRD
TIO8
PI0
RFSYNC
Reserved
PI1
RFCE
Reserved
PI2
BTSEQ1
SRCLK
PI3
SCLK
Reserved
PI4
SDAT
Reserved
PI5
SLE
Reserved
PI6
WUI9
BTSEQ6
PI7
TA
BTSEQ7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com