Electronic Components Datasheet Search
  English  ▼

X  

CP3BT13 Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3BT13
Description  CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3BT13 Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button CP3BT13 Datasheet HTML 67Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 68Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 69Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 70Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 71Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 72Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 73Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 74Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 232 page
background image
71
www.national.com
Figure 16.
32-Bit Write Timing
Figure 17.
32-Bit Read Timing
An example of a 32-bit write is shown in Table 32. In this ex-
ample, the 32-bit value FFFF DC04h is written to register
address 0Ah. In cycle 1, the high word (FFFFh) is written. In
the first part of cycle 2, the CP3BT13 drives the header, R/
W bit, and register address for a read cycle. In the second
part of cycle 2, the LMX5252 drives the counter value. The
counter value is 0, which indicates one word has been writ-
ten. In cycle 3, the low word (DC04h) is written. In the first
part of cycle 4, the CP3BT13 drives the header, R/W bit,
and register address for a read cycle. In the second part of
cycle 4, the LMX5252 drives the counter value. The counter
value is 1, which indicates two words have been written.
SLE
SCLK
SDAT
DS322
D16
D30
A0
A1
A2
A3
A4
W
H0
H1
H2
D31
D0
D14
A0
A1
A2
A3
A4
W
H0
H1
H2
D15
>500 ns
SLE
SCLK
SDAT
DS323
D16
D31
A0
A1
A2
A3
A4
R
H0
H1
H2
D0
D15
A0
A1
A2
A3
A4
R
H0
H1
H2
>500 ns
Table 32
Example of 32-Bit Write with Interleaved Reads
Cycle
Serial Data on SDAT
Description
1
101 0 01010 1111111111111111 Write cycle driven by CP3BT13. Data is FFFFh. Address is 0Ah.
2
101 1 01010
First part of read cycle driven by CP3BT13. Address is 0Ah.
0000000000000000 Second part of read cycle driven by LMX5252. Counter value is 0.
3
101 0 01010 1101110000000100 Write cycle driven by CP3BT13. Data is DC04h. Address is 0Ah.
4
101 1 01010
First part of read cycle driven by CP3BT13. Address is 0Ah.
0000000000000001 Second part of read cycle driven by LMX5252. Counter value is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com