Electronic Components Datasheet Search
  English  ▼

X  

CP3BT13 Datasheet(PDF) 97 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3BT13
Description  CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3BT13 Datasheet(HTML) 97 Page - National Semiconductor (TI)

Back Button CP3BT13 Datasheet HTML 93Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 94Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 95Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 96Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 97Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 98Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 99Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 100Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 101Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 232 page
background image
97
www.national.com
16.10.3 Storage of Messages with Less Than 8 Data
Bytes
The data bytes that are not used for data transfer are “don’t
cares”. If the object is transmitted, the data within these
bytes will be ignored. If the object is received, the data with-
in these bytes will be overwritten with invalid data.
16.10.4 Storage of Extended Messages
If the IDE bit is set, the buffer handles extended frames. The
storage of the extended ID follows the descriptions in
Table 45. The SRR bit is at the bit position of the RTR bit for
standard frame and needs to be transmitted as 1.
SRR
The Substitute Remote Request bit replaces
the RTR bit used in standard frames at this bit
position. The SRR bit needs to be set by soft-
ware if the buffer is configured to transmit a
message with an extended identifier. It will be
received as monitored on the CAN bus.
IDE
The Identifier Extension bit determines wheth-
er the message is a standard frame or an ex-
tended frame.
0 – Message is a standard frame using 11
identifier bits.
1 – Message is an extended frame.
RTR
The Remote Transmission Request bit indi-
cates whether the message is a data frame or
a remote frame.
0 – Message is a data frame.
1 – Message is a remote frame.
ID
The ID field is used to build the 29-bit identifier
of an extended frame.
Table 45
Extended Messages with 8 Data Bytes
Address
Buffer
Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0E F0XEh
ID1
ID[28:18]
SRR IDE
ID17:15]
0E F0XCh
ID0
ID[14:0]
RTR
0E F0XAh
DATA0
Data1[7:0]
Data2[7:0]
0E F0X8h
DATA1
Data3[7:0]
Data4[7:0]
0E F0X6h
DATA2
Data5[7:0]
Data6[7:0]
0E F0X4h
DATA3
Data7[7:0]
Data8[7:0]
0E F0X2h
TSTP
TSTP[15:0]
0E F0X0h
CNSTAT
DLC
Reserved
PRI
ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com