Electronic Components Datasheet Search
  English  ▼

X  

CP3BT13 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3BT13
Description  CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3BT13 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CP3BT13 Datasheet HTML 1Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 2Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 3Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 4Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 5Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 6Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 7Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 8Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 232 page
background image
©2004 National Semiconductor Corporation
www.national.com
PRELIMINARY
MAY 2004
CP3BT13 Reprogrammable Connectivity Processor
with Bluetooth® and CAN Interfaces
1.0
General Description
The CP3BT13 connectivity processor combines high perfor-
mance with the massive integration needed for embedded
Bluetooth applications. A powerful RISC core with on-chip
SRAM and Flash memory provides high computing band-
width, communications peripherals provide high I/O band-
width, and an external bus provides system expandability.
On-chip communications peripherals include: Bluetooth
Lower Link Controller, CAN, ACCESS.bus, Microwire/Plus,
SPI, UART, and Advanced Audio Interface (AAI). Additional
on-chip peripherals include DMA controller, CVSD/PCM
conversion module, Timing and Watchdog Unit, Versatile
Timer Unit, Multi-Function Timer, and Multi-Input Wakeup.
Bluetooth hand-held devices can be both smaller and lower
in cost for maximum consumer appeal. The low voltage and
advanced power-saving modes achieve new design points
in the trade-off between battery size and operating time for
handheld and portable applications.
In addition to providing the features needed for the next gen-
eration of embedded Bluetooth products, the CP3BT13 is
backed up by the software resources designers need for
rapid time-to-market, including an operating system, Blue-
tooth protocol stack implementation, reference designs, and
an integrated development environment. Combined with
National’s LMX5252 Bluetooth radio transceiver, the
CP3BT13 provides a complete Bluetooth system solution.
National Semiconductor offers a complete and industry-
proven application development environment for CP3BT13
applications, including the IAR Embedded Workbench,
iSYSTEM winIDEA and iC3000 Active Emulator, Bluetooth
Development Board, Bluetooth Protocol Stack, and Applica-
tion Software.
Block Diagram
CPU Core Bus
12 MHz and 32 kHz
Oscillator
Peripheral Bus
PLL and Clock
Generator
Power-on-Reset
256K Bytes
Flash
Program
Memory
8K Bytes
Flash
Data
Bus
Interface
Unit
Peripheral
Bus
Controller
10K Bytes
Static
RAM
Serial
Debug
Interface
CAN
CR16C
CPU Core
Protocol
Core
RF Interface
Bluetooth Lower
Link Controller
4.5K Bytes
Data RAM
1K Byte
Sequencer RAM
DMA
Controller
Interrupt
Control
Unit
CVSD/PCM
Power
Manage-
ment
Timing and
Watchdog
Unit
ACCESS
.bus
Versatile
Timer Unit
Muti-Func-
tion Timer
Multi-Input
Wake-Up
GPIO
Audio
Interface
Microwire/
SPI
UART
Clock Generator
DS145
Bluetooth is a registered trademark of Bluetooth SIG, Inc. and is used under license by National Semiconductor.
TRI-STATE is a registered trademark of National Semiconductor Corporation.


Similar Part No. - CP3BT13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CP3BT10 NSC-CP3BT10 Datasheet
3Mb / 210P
Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
CP3BT10G38 NSC-CP3BT10G38 Datasheet
3Mb / 210P
Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
CP3BT10G38X NSC-CP3BT10G38X Datasheet
3Mb / 210P
Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
CP3BT10K38X NSC-CP3BT10K38X Datasheet
3Mb / 210P
Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
CP3BT10K38Y NSC-CP3BT10K38Y Datasheet
3Mb / 210P
Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
More results

Similar Description - CP3BT13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CP3UB17 NSC-CP3UB17 Datasheet
3Mb / 200P
CP3UB17 Reprogrammable Connectivity Processor with USB Interface
CP3SP33 NSC-CP3SP33 Datasheet
146Kb / 6P
CP3SP33 Connectivity Processor with Cache, DSP, and Bluetooth, USB, and Dual CAN Interfaces
CP3BT10 NSC-CP3BT10 Datasheet
3Mb / 210P
Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
CP3CN17 NSC-CP3CN17 Datasheet
3Mb / 220P
Reprogrammable Connectivity Processor with CAN Interface
CP3BT26 NSC-CP3BT26 Datasheet
3Mb / 278P
Reprogrammable Connectivity Processor with Bluetooth-R, USB, and CAN Interfaces
CP3UB26 NSC-CP3UB26 Datasheet
3Mb / 268P
Reprogrammable Connectivity Processor with USB and CAN Interfaces
CP3CN23 NSC-CP3CN23 Datasheet
3Mb / 246P
CP3CN23 Reprogrammable Connectivity Processor with Dual CAN Interfaces
logo
Texas Instruments
CP3BT23 TI1-CP3BT23 Datasheet
1Mb / 260P
CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
CP3BT23 TI1-CP3BT23_14 Datasheet
3Mb / 324P
CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
CP3SP33 TI1-CP3SP33 Datasheet
2Mb / 407P
Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com