Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 33 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 29Page - Texas Instruments DLPA2000 Datasheet HTML 30Page - Texas Instruments DLPA2000 Datasheet HTML 31Page - Texas Instruments DLPA2000 Datasheet HTML 32Page - Texas Instruments DLPA2000 Datasheet HTML 33Page - Texas Instruments DLPA2000 Datasheet HTML 34Page - Texas Instruments DLPA2000 Datasheet HTML 35Page - Texas Instruments DLPA2000 Datasheet HTML 36Page - Texas Instruments DLPA2000 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
DMD_LS_RDATA
DMD_LS_CLK
DMD_HS_WDATA_B_N
DMD_HS_WDATA_B_P
DMD_HS_WDATA_C_N
DMD_HS_WDATA_C_P
High Speed sub-LVDS DDR Interface
DMD_HS_WDATA_D_N
DMD_HS_WDATA_D_P
DMD_HS_CLK_N
DMD_HS_CLK_P
DMD_HS_WDATA_E_N
DMD_HS_WDATA_E_P
DMD_HS_WDATA_F_N
DMD_HS_WDATA_F_P
DMD_HS_WDATA_G_N
DMD_HS_WDATA_G_P
DMD_HS_WDATA_H_N
DMD_HS_WDATA_H_P
DMD_HS_WDATA_A_N
DMD_HS_WDATA_A_P
Sub-LVDS-DMD
(Example DMD)
Low Speed SDR Interface (120 MHz)
DLPC1438
DMD_LS_WDATA
DMD_DEN_ARSTZ
Figure 7-2. DLP300S/DLP301S DMD Interface Example
The sub-LVDS high-speed interface waveform quality and timing on the DLPC1438 controller depends on the
total length of the interconnect system, the spacing between traces, the characteristic impedance, etch losses,
and how well matched the lengths are across the interface. Thus, ensuring positive timing margin requires
attention to many factors.
In an attempt to minimize the signal integrity analysis that would otherwise be required, the DMD Control
and Sub-LVDS Signals layout section is provided as a reference of an interconnect system that satisfy both
waveform quality and timing requirements (accounting for both PCB routing mismatch and PCB signal integrity).
Variation from these recommendations may also work, but should be confirmed with PCB signal integrity
analysis or lab measurements.
www.ti.com
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com