Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 53 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 49Page - Texas Instruments DLPA2000 Datasheet HTML 50Page - Texas Instruments DLPA2000 Datasheet HTML 51Page - Texas Instruments DLPA2000 Datasheet HTML 52Page - Texas Instruments DLPA2000 Datasheet HTML 53Page - Texas Instruments DLPA2000 Datasheet HTML 54Page - Texas Instruments DLPA2000 Datasheet HTML 55Page - Texas Instruments DLPA2000 Datasheet HTML 56Page - Texas Instruments DLPA2000 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
11 Device and Documentation Support
11.1 Device Support
11.1.1 Third-Party Products Disclaimer
TI'S PUBLICATION OF INFORMATION REGARDING THIRD-PARTY PRODUCTS OR SERVICES DOES NOT
CONSTITUTE AN ENDORSEMENT REGARDING THE SUITABILITY OF SUCH PRODUCTS OR SERVICES
OR A WARRANTY, REPRESENTATION OR ENDORSEMENT OF SUCH PRODUCTS OR SERVICES, EITHER
ALONE OR IN COMBINATION WITH ANY TI PRODUCT OR SERVICE.
11.1.2 Device Nomenclature
11.1.2.1 Device Markings
Terminal A1 corner identifier
1
2
3
4
5
DLPC1438XXX
XXXXXXXXXX-TT
YMZLLLS
TW YYWW
DLPC1438
SC
Marking Definitions:
Line 1:
DLP® Device Name: DLPC1438 device name ID.
SC: Solder ball composition
e1: Indicates lead-free solder balls consisting of SnAgCu
G8: G indicates mold compound green; 8 indicates lead-free solder balls consisting of tin-silver-copper (SnAgCu) with
silver content less than or equal to 1.5% and that the mold compound meets TI's definition of green.
Line 2:
TI Part Number
DLP® Device Name: DLPC1438 = x indicates 8 device name ID.
XXX corresponds to the device package designator.
Line 3:
XXXXXXXXXX-TT Manufacturer part number
Line 4:
Foundry lot code for semiconductor wafers and lead-free solder ball marking
YM: Year month date code
Z: Site code
LLL: Assembly lot code
S: Site code
May also be in the format LLLLLL.ZZZ
LLLLLL: Fab lot number
ZZZ: Lot split number
Line 5:
PH YYWW: Package assembly information
PH: Manufacturing site
YYWW: Date code (YY = Year :: WW = Week)
www.ti.com
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com