Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 5Page - Texas Instruments DLPA2000 Datasheet HTML 6Page - Texas Instruments DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments DLPA2000 Datasheet HTML 10Page - Texas Instruments DLPA2000 Datasheet HTML 11Page - Texas Instruments DLPA2000 Datasheet HTML 12Page - Texas Instruments DLPA2000 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Table 5-7. GPIO Peripheral Interface(1) (continued)
PIN(1)
I/O
TYPE(3)
DESCRIPTION(2)
NAME
NO.
GPIO_04
E14
I/O
1
General purpose I/O 04 (hysteresis buffer). Options:
1.
SPI1_CSZ1 (active-low output): Optional SPI1 chip select 1 signal. Requires an external pullup
resistor to deactivate this signal during reset and auto-initialization processes.
2.
Optional GPIO. If unused TI recommends this pin be configured as a logic zero GPIO output and
left unconnected. Otherwise this pin requires an external pullup or pulldown to avoid a floating
GPIO input.
GPIO_03
D15
I/O
1
General purpose I/O 03 (hysteresis buffer). SPI1_CSZ0 (active low output): SPI1 chip select 0 signal.
This pin is typically connected to the DLPAxxxx SPI_CSZ pin. Requires an external pullup resistor to
deactivate this signal during reset and auto-initialization processes.
GPIO_02
D14
I/O
1
General purpose I/O 02 (hysteresis buffer). SPI1_DOUT (output): SPI1 data output signal. This pin is
typicallyconnected to the DLPAxxxx SPI_DIN pin.
GPIO_01
C15
I/O
1
General purpose I/O 01 (hysteresis buffer). SPI1_CLK (output): SPI1 clock signal. This pin is typically
connected to the DLPAxxxx SPI_CLK pin.
GPIO_00
C14
I/O
1
General purpose I/O 00 (hysteresis buffer). SPI1_DIN (input): SPI1 data input signal. This pin is
typically connected to the DLPAxxxx SPI_DOUT pin.
(1)
GPIO pins must be configured through software for input, output, bidirectional, or open-drain operation. Some GPIO pins have one or
more alternative use modes, which are also software configurable. An external pullup resistor is required for each signal configured as
open-drain.
(2)
General purpose I/O for the DLPC1438 controller. These GPIO pins are software configurable.
(3)
See Table 5-10 for type definitions.
Table 5-8. Clock and PLL Support
PIN
I/O
TYPE(1)
DESCRIPTION
NAME
NO.
PLL_REFCLK_I
H1
I
11
Reference clock crystal input. If an external oscillator is used instead of a crystal, use
this pin as the oscillator input.
PLL_REFCLK_O
J1
O
5
Reference clock crystal return. If an external oscillator is used instead of a crystal,
leave this pin unconnected (floating with no added capacitive load).
(1)
See Table 5-10 for type definitions.
Table 5-9. Power and Ground
PIN
I/O
TYPE
DESCRIPTION
NAME
NO.
VDD
C5, D5, D7,
D12, J4,
J12, K3, L4,
L12, M6,
M9, D9,
D13, F13,
H13, L13,
M10, D3, E3
—
PWR
Core 1.1-V power (main 1.1 V)
VDDLP12
C3
—
---
Unused. It is recommended to externally tie this pin to VDD.
www.ti.com
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com