Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 3Page - Texas Instruments DLPA2000 Datasheet HTML 4Page - Texas Instruments DLPA2000 Datasheet HTML 5Page - Texas Instruments DLPA2000 Datasheet HTML 6Page - Texas Instruments DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments DLPA2000 Datasheet HTML 10Page - Texas Instruments DLPA2000 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
Table 5-6. Peripheral Interface(1)
PIN(1)
I/O
TYPE(3)
DESCRIPTION
NAME
NO.
CMP_OUT
A12
I
6
Successive approximation ADC (analog-to-digital converter) comparator output
(DLPC1438 Input). To implement, use a successive approximation ADC with
a thermistor feeding one input of the external comparator and the DLPC1438
controller GPIO_10 (RC_CHARGE) pin driving the other side of the comparator.
It is recommended to use the DLPAxxxx to achieve this function. CMP_OUT
must be pulled-down to ground if this function is not used. (hysteresis buffer)
CMP_PWM
A15
O
1
TI internal use. Leave this pin unconnected.
HOST_IRQ(2)
N8
O
9
Host interrupt (output)
HOST_IRQ indicates when the DLPC1438 auto-initialization is in progress and
most importantly when it completes.
This pin is tri-stated during reset. An external pullup must be included on this
signal.
IIC0_SCL(4)
N10
I/O
7
I2C slave (port 0) SCL (bidirectional, open-drain signal with input hysteresis):
This pin requires an external pullup resistor. The slave I2C I/Os are 3.6-V tolerant
(high-voltage-input tolerant) and are powered by VCC_INTF (which can be 1.8,
2.5, or 3.3 V). External I2C pullups must be connected to a host supply with
an equal or higher supply voltage, up to a maximum of 3.6 V (a lower pullup
supply voltage does not typically satisfy the VIH specification of the slave I2C
input buffers).
IIC1_SCL
R11
I/O
8
TI internal use. TI recommends an external pullup resistor.
IIC0_SDA(4)
N9
I/O
7
I2C slave (port 0) SDA. (bidirectional, open-drain signal with input hysteresis):
This pin requires an external pullup resistor. The slave I2C port is the control port
of controller. The slave I2C I/O pins are 3.6-V tolerant (high-volt-input tolerant)
and are powered by VCC_INTF (which can be 1.8, 2.5, or 3.3 V). External I2C
pullups must be connected to a host supply with an equal or higher supply
voltage, up to a maximum of 3.6 V (a lower pullup supply voltage does not
typically satisfy the VIH specification of the slave I2C input buffers).
IIC1_SDA
R10
I/O
8
TI internal use. TI recommends an external pullup resistor.
LED_SEL_0
B15
O
1
LED enable select. Automatically controlled by the DLPC1438 programmable
DMD sequence
LED_SEL(1:0)
00
01
10
11
Enabled LED
None
Red
Green
Blue
LED_SEL_1
B14
O
1
The controller drives these signals low when RESETZ is asserted and the
corresponding I/O power is supplied. The controller continues to drive these
signals low throughout the auto-initialization process. A weak, external pulldown
resistor is recommended to ensure that the LEDs are disabled when I/O power is
not applied.
SPI0_CLK
A13
O
13
SPI (Serial Peripheral Interface) port 0, clock. This pin is typically connected to
the flash memory clock.
SPI0_CSZ0
A14
O
13
SPI port 0, chip select 0 (active low output). This pin is typically connected to the
flash memory chip select.
TI recommends an external pullup resistor to avoid floating inputs to the external
SPI device during controller reset assertion.
SPI0_CSZ1
C12
O
13
SPI port 0, chip select 1 (active low output). This pin typically remains unused.
TI recommends an external pullup resistor to avoid floating inputs to the external
SPI device during controller reset assertion.
SPI0_DIN
B12
I
12
Synchronous serial port 0, receive data in. This pin is typically connected to the
flash memory data out.
SPI0_DOUT
B13
O
13
Synchronous serial port 0, transmit data out. This pin is typically connected to
the flash memory data in.
(1)
External pullup resistor must be 8 kΩ or less.
(2)
For more information about usage, see Section 7.3.3.
(3)
See Table 5-10 for type definitions.
www.ti.com
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com