Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 46 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 42Page - Texas Instruments DLPA2000 Datasheet HTML 43Page - Texas Instruments DLPA2000 Datasheet HTML 44Page - Texas Instruments DLPA2000 Datasheet HTML 45Page - Texas Instruments DLPA2000 Datasheet HTML 46Page - Texas Instruments DLPA2000 Datasheet HTML 47Page - Texas Instruments DLPA2000 Datasheet HTML 48Page - Texas Instruments DLPA2000 Datasheet HTML 49Page - Texas Instruments DLPA2000 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
Figure 10-2 shows the required discrete components when using a crystal.
PLL_REFCLK_I
PLL_REFCLK_O
RFB
RS
CL1
CL2
Crystal
CL = Crystal load capacitance (farads)
CL1 = 2 × (CL – Cstray_pll_refclk_i)
CL2 = 2 × (CL – Cstray_pll_refclk_o)
where:
•
Cstray_pll_refclk_i = Sum of package and PCB stray capacitance at the crystal pin associated with the controller pin pll_refclk_i.
•
Cstray_pll_refclk_o = Sum of package and PCB stray capacitance at the crystal pin associated with the controller pin pll_refclk_o.
Figure 10-2. Required Discrete Components
10.1.2.1 Recommended Crystal Oscillator Configuration
Table 10-1. Crystal Port Characteristics
PARAMETER
NOM
UNIT
PLL_REFCLK_I TO GND capacitance
1.5
pF
PLL_REFCLK_O TO GND capacitance
1.5
pF
Table 10-2. Recommended Crystal Configuration
PARAMETER (1) (2)
RECOMMENDED
UNIT
Crystal circuit configuration
Parallel resonant
Crystal type
Fundamental (first harmonic)
Crystal nominal frequency
24
MHz
Crystal frequency tolerance (including accuracy, temperature, aging and trim sensitivity) ±200
PPM
Maximum startup time
1.0
ms
Crystal equivalent series resistance (ESR)
120 (max)
Ω
Crystal load
6
pF
RS drive resistor (nominal)
100
Ω
RFB feedback resistor (nominal)
1
MΩ
CL1 external crystal load capacitor
See equation in Figure 10-2 notes
pF
CL2 external crystal load capacitor
See equation in Figure 10-2 notes
pF
PCB layout
A ground isolation ring around the
crystal is recommended
(1)
Temperature range of –30°C to 85°C.
(2)
The crystal bias is determined by the controllers VCC_INTF voltage rail, which is variable (not the VCC18 rail).
If an external oscillator is used, then the oscillator output must drive the PLL_REFCLK_I pin on the DLPC1438
controller, and the PLL_REFCLK_O pin must be left unconnected.
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
www.ti.com
46
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com