Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 40 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 36Page - Texas Instruments DLPA2000 Datasheet HTML 37Page - Texas Instruments DLPA2000 Datasheet HTML 38Page - Texas Instruments DLPA2000 Datasheet HTML 39Page - Texas Instruments DLPA2000 Datasheet HTML 40Page - Texas Instruments DLPA2000 Datasheet HTML 41Page - Texas Instruments DLPA2000 Datasheet HTML 42Page - Texas Instruments DLPA2000 Datasheet HTML 43Page - Texas Instruments DLPA2000 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
System State
SYSPWR
PROJ_ON (GPIO_8)
VDD (1.1 V)
VDDLP12
(if not tied to VDD)
VDD_PLLM/D (1.1 V)
VCC18 (1.8 V)
VCC_INTF (e.g. 1.8 V)
VCC_FLSH (e.g. 1.8 V)
PARKZ
PLL_REFCLK
RESETZ
HOST_IRQ
I
2C (activity)
t1
t2
t3
t4
t5
(b)
(c)
Regular operation
Normal
Park
Power supply shutdown
Signals
from PMIC (DLPA3000)
from other source
(a)
FPGA PWR
t1:
PROJ_ON goes low to begin the power down sequence.
t2:
The controller finishes parking the DMD.
t3:
Controller power supplies are turned off.
(a):
The DMD will be parked within 20 ms of PROJ_ON being deasserted (going low). VDD, VDD_PLLM/D, VCC18, VCC_INITF, and
VCC_FLSH power supplies and the PLL_REFCLK must be held within specification for a minimum of 20 ms after PROJ_ON
is deasserted (goes low). However, 20 ms does not satisfy the typical shutdown timing of the entire chipset. It is therefore
recommended to follow note (c).
(b):
DMD reset voltage regulation stops typically after 12 ms of normal DMD park being completed.
(c):
It is recommended that SYSPWR not be turned off for 50 ms after PROJ_ON is deasserted (goes low). This time allows the
DMD to be parked, the controller to turn off, and the PMIC supplies to shut down.
Figure 9-2. DLPC1438 Normal Power-Down
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
www.ti.com
40
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com