Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 36 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 32Page - Texas Instruments DLPA2000 Datasheet HTML 33Page - Texas Instruments DLPA2000 Datasheet HTML 34Page - Texas Instruments DLPA2000 Datasheet HTML 35Page - Texas Instruments DLPA2000 Datasheet HTML 36Page - Texas Instruments DLPA2000 Datasheet HTML 37Page - Texas Instruments DLPA2000 Datasheet HTML 38Page - Texas Instruments DLPA2000 Datasheet HTML 39Page - Texas Instruments DLPA2000 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
A 405nm LED typically supplies the illumination for the DMD. In addition to LEDs, other light sources are
supported.
For connecting the DLPC1438 controller to the host processing for receiving patterns or video data, the parallel
interface is used. Connect an I2C interface to the host processor to send commands to the DLPC1438 controller.
8.2.1.2 Detailed Design Procedure
For connecting the DLP300S/DLP301S DMD, the DLPC1438 controller and the DLPA200x or DLPA300x
PMIC/LED driver see the reference design schematic. Follow the layout guidelines shown in Section 10 to
achieve reliable DLP system results.
8.2.1.3 Application Curve
As the LED currents that are driven through LED_0, LED_1 or LED_2 LEDs are increased, the brightness of
the projector increases. This increase is somewhat non-linear, and the curve for typical white screen lumens
changes with LED currents is shown in Figure 8-2. For the LED currents shown, it is assumed that the same
current amplitude is applied to the LED_0, LED_1 or LED_2 LEDs.
Current (mA)
0
100
200
300
400
500
600
700
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D001
Figure 8-2. Luminance vs Current
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
www.ti.com
36
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com