Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 22 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 18Page - Texas Instruments DLPA2000 Datasheet HTML 19Page - Texas Instruments DLPA2000 Datasheet HTML 20Page - Texas Instruments DLPA2000 Datasheet HTML 21Page - Texas Instruments DLPA2000 Datasheet HTML 22Page - Texas Instruments DLPA2000 Datasheet HTML 23Page - Texas Instruments DLPA2000 Datasheet HTML 24Page - Texas Instruments DLPA2000 Datasheet HTML 25Page - Texas Instruments DLPA2000 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
6.14 BT656 Interface General Timing Requirements
The DLPC34xx controller input interface supports the industry standard BT.656 parallel video interface. See the appropriate
ITU-R BT.656 specification for detailed interface timing requirements. (2)
MIN
MAX
UNIT
ƒcll
PCLK frequency
1.0
33.5
MHz
tp_clkper
PCLK period
50% reference points
29.85
1000
ns
tp_clkjit
PCLK jitter
Max fclock
See (1)
tp_wh
PCLK pulse duration high
50% reference points
10.0
ns
tp_wl
PCLK pulse duration low
50% reference points
10.0
ns
tp_su
Setup time – PDATA(7:0) before the active edge of
PCLK
50% reference points
3.0
ns
tp_h
Hold time – PDATA(7:0) after the active edge of
PCLK
50% reference points
0.9
ns
tt
Transition time – all signals
20% to 80% reference points
(rising signal)
80% to 20% reference points
(falling signal)
0.2
3.0
ns
(1)
Calculate clock jitter (in ns) using this formula: Jitter = [1 / ƒclock – 5.76 ns]. Clock jitter must maintain setup and hold times. BT.656 data
bits must be mapped to the DLPC34xx PDATA bus as shown in Figure 6-9 shows BT.656 bus mode YCbCr 4:2:2 source PDATA (23:0)
mapping.
(2)
The BT.656 interface accepts 8-bits per color, 4:2:2 YCbCr data encoded per the industry standard through PDATA(7:0) on the active
edge of PCLK. See Figure 6-9.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Y
7
Y
6
Y
5
Y
4
Y
3
Y
2
Y
1
Y
0
Bus assignment mapping
PDATA(7:0) of the input pixel data bus
Data bit mapping on controller pin
23
22
21
20
19
18
17
16
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
Figure 6-9. BT.656 Interface Mode Bit Mapping
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com