Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 41 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 37Page - Texas Instruments DLPA2000 Datasheet HTML 38Page - Texas Instruments DLPA2000 Datasheet HTML 39Page - Texas Instruments DLPA2000 Datasheet HTML 40Page - Texas Instruments DLPA2000 Datasheet HTML 41Page - Texas Instruments DLPA2000 Datasheet HTML 42Page - Texas Instruments DLPA2000 Datasheet HTML 43Page - Texas Instruments DLPA2000 Datasheet HTML 44Page - Texas Instruments DLPA2000 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
t1
t2 t3
t4
System State
SYSPWR
PROJ_ON (GPIO_8)
VDD (1.1 V)
VDDLP12
(if not tied to VDD)
VDD_PLLM/D (1.1 V)
VCC18 (1.8 V)
VCC_INTF (e.g. 1.8 V)
VCC_FLSH (e.g. 1.8 V)
PARKZ
PLL_REFCLK
RESETZ
HOST_IRQ
I
2C (activity)
Regular operation
Fast
Park
Power supplies collapse
(a)
(b)
Signals
from PMIC (DLPA3000)
from other source
FPGA PWR
t1:
A fault is detected and PARKZ is asserted (goes low) to tell the controller to initiate a fast park of the DMD.
t2:
The controller finishes the fast park procedure.
t3:
Eventually all power supplies that were derived from SYSPWR collapse.
t4:
System is completely turned off.
Figure 9-3. DLPC1438 Fast Power-Down
9.3 Power-Up Initialization Sequence
An external power monitor is required to hold the DLPC1438 controller in system reset during the power-up
sequence by driving RESETZ to a logic-low state. It shall continue to drive RESETZ low until all controller
voltages reach the minimum specified voltage levels, PARKZ goes high, and the input clocks are stable. The
external power monitoring is automatically done by the DLPAxxxx PMIC.
No signals output by the DLPC1438 controller will be in their active state while RESETZ is asserted. The
following signals are tri-stated while RESETZ is asserted:
• SPI0_CLK
• SPI0_DOUT
• SPI0_CSZ0
• SPI0_CSZ1
• GPIO [19:00]
Add external pullup (or pulldown) resistors to all tri-stated output signals (including bidirectional signals to be
configured as outputs) to avoid floating controller outputs during reset if they are connected to devices on the
PCB that can malfunction. For SPI, at a minimum, include a pullup to any chip selects connected to devices.
www.ti.com
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com