Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 13Page - Texas Instruments DLPA2000 Datasheet HTML 14Page - Texas Instruments DLPA2000 Datasheet HTML 15Page - Texas Instruments DLPA2000 Datasheet HTML 16Page - Texas Instruments DLPA2000 Datasheet HTML 17Page - Texas Instruments DLPA2000 Datasheet HTML 18Page - Texas Instruments DLPA2000 Datasheet HTML 19Page - Texas Instruments DLPA2000 Datasheet HTML 20Page - Texas Instruments DLPA2000 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
6.8 DMD Sub-LVDS Interface Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCM
Common mode voltage
0.8
0.9
1.0
V
VCM (Δpp)(1)
VCM change peak-to-peak (during switching)
75
mV
VCM (Δss)(1)
VCM change steady state
–10
10
mV
|VOD|(2)
Differential output voltage magnitude
170
250
350
mV
VOD (Δ)
VOD change (between logic states)
–10
10
mV
VOH
Single-ended output voltage high
0.825
1.025
1.175
V
VOL
Single-ended output voltage low
0.625
0.775
0.975
V
Txterm
Internal differential termination
80
100
120
Ω
Txload
100-Ω differential PCB trace
(50-Ω transmission lines)
0.5
6
inches
(1)
See Figure 6-1
(2)
VOD is the differential voltage measured across a 100-Ω termination resistance connected directly between the transmitter differential
pins. VOD = VP - VN, where P and N are the differential output pins. |VOD| is the magnitude of the peak-to-peak voltage swing across
the P and N output pins (see Figure 6-2). VCM cancels out between signals when measured differentially, thus the reason VOD swings
relative to zero.
VCM (ûP-P)
VCM (ûSS)
VCM
Figure 6-1. Common Mode Voltage
+VOD
20
10
40
30
60
(0 V) 50
80
70
100
90
0
tFALL
tRISE
|VOD|
|VOD|
±VOD
VCM is removed when the signals are viewed differentially
Figure 6-2. Differential Output Signal
www.ti.com
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com