Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 6Page - Texas Instruments DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments DLPA2000 Datasheet HTML 10Page - Texas Instruments DLPA2000 Datasheet HTML 11Page - Texas Instruments DLPA2000 Datasheet HTML 12Page - Texas Instruments DLPA2000 Datasheet HTML 13Page - Texas Instruments DLPA2000 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
Table 5-9. Power and Ground (continued)
PIN
I/O
TYPE
DESCRIPTION
NAME
NO.
VSS
C4, D6, D8,
D10, E4,
E13, F4, G4,
G12, H4,
H12, J3,
J13, K4,
K12, L3, M4,
M5, M8,
M12, G13,
C6, C8, F6,
F7, F8, F9,
F10, G6,
G7, G8, G9,
G10, H6,
H7, H8, H9,
H10, J6, J7,
J8, J9, J10,
K6, K7, K8,
K9, K10
—
GND
Core ground (eDRAM, DSI, I/O ground, thermal ground)
VCC18
C7, C9, D4,
E12, F12,
K13, M11
—
PWR
All 1.8-V I/O power:
(1.8-V power supply for all I/O pins except the host or parallel interface
and the SPI flash interface. This includes RESETZ, PARKZ, LED_SEL,
CMP_OUT, GPIO, IIC1, TSTPT, and JTAG pins)
VCC_INTF
M3, M7, N3,
N7
—
PWR
Host or parallel interface I/O power: 1.8 V to 3.3 V (Includes IIC0, PDATA,
video syncs, and HOST_IRQ pins)
VCC_FLSH
D11
—
PWR
Flash interface I/O power: 1.8 V to 3.3 V
(Dedicated SPI0 power pin)
VDD_PLLM
H2
—
PWR
MCG PLL (master clock generator phase lock loop) 1.1-V power
VSS_PLLM
G3
—
RTN
MCG PLL return
VDD_PLLD
J2
—
PWR
DCG PLL (DMD clock generator phase lock loop) 1.1-V power
VSS_PLLD
H3
—
RTN
DCG PLL return
Table 5-10. I/O Type Subscript Definition
I/O
SUPPLY REFERENCE
ESD STRUCTURE
SUBSCRIPT
DESCRIPTION
1
1.8-V LVCMOS I/O buffer with 8-mA drive
Vcc18
ESD diode to GND and supply rail
2
1.8-V LVCMOS I/O buffer with 4-mA drive
Vcc18
ESD diode to GND and supply rail
3
1.8-V LVCMOS I/O buffer with 24-mA drive
Vcc18
ESD diode to GND and supply rail
4
1.8-V sub-LVDS output with 4-mA drive
Vcc18
ESD diode to GND and supply rail
5
1.8-V, 2.5-V, 3.3-V LVCMOS with 4-mA drive
Vcc_INTF
ESD diode to GND and supply rail
6
1.8-V LVCMOS input
Vcc18
ESD diode to GND and supply rail
7
1.8-V, 2.5-V, 3.3-V I2C with 3-mA drive
Vcc_INTF
ESD diode to GND and supply rail
8
1.8-V I2C with 3-mA drive
Vcc18
ESD diode to GND and supply rail
9
1.8-V, 2.5-V, 3.3-V LVCMOS with 8-mA drive
Vcc_INTF
ESD diode to GND and supply rail
10
Reserved
11
1.8-V, 2.5-V, 3.3-V LVCMOS input
Vcc_INTF
ESD diode to GND and supply rail
12
1.8-V, 2.5-V, 3.3-V LVCMOS input
Vcc_FLSH
ESD diode to GND and supply rail
13
1.8-V, 2.5-V, 3.3-V LVCMOS with 8-mA drive
Vcc_FLSH
ESD diode to GND and supply rail
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com