Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 35 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 31Page - Texas Instruments DLPA2000 Datasheet HTML 32Page - Texas Instruments DLPA2000 Datasheet HTML 33Page - Texas Instruments DLPA2000 Datasheet HTML 34Page - Texas Instruments DLPA2000 Datasheet HTML 35Page - Texas Instruments DLPA2000 Datasheet HTML 36Page - Texas Instruments DLPA2000 Datasheet HTML 37Page - Texas Instruments DLPA2000 Datasheet HTML 38Page - Texas Instruments DLPA2000 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The DLPC1438 3D Print controller with DLP300S or DLP301S DMD enables high resolution fast 3D printer
products. This section describes typical 3D printer DLP systems with and without actuation. The DMDs are
spatial light modulators which reflect incoming light from an illumination source to one of two directions, with the
primary direction being into projection or collection optics. The optical architecture of the system and the format
of the image digital data coming into the DLPC1438 are what primarily determine the application requirements.
Typical applications include:
• DLP 3D printer
– Additive manufacturing
– Vat polymerization
– Masked stereolithography (mSLA 3D printer)
• Light exposure: programmable spatial and temporal light exposure
8.2 Typical Application
8.2.1 Pattern projector for 3D printer without actuation and without FPGA
DLPC1438 controller with DLP300S/DLP301S DMD enables high accuracy and low cost 3D printer products.
Figure 8-1 shows a typical 3D printer system block diagram using external print mode.
Illumination
optics
DLPC1438
DMD
DLPA200x
TI DLP Chipset
Non-TI Device
VBIAS, VOFFSET,
VRESET
SYSPWR
Sub-LVDS DATA
PROJ_ON
HOST_IRQ
I
2
C
Flash
VLED
CTRL
RLIM
1.8 V external
1.8 V
PROJ_ON
VCC_18
VCC_INTF
VCC_FLSH
VDD
SPI (4)
SPI (4)
INTZ
Thermistor
VDDLP12
SPI0
SPI1
RESETZ
PARKZ
GPIO_8
GPIO_10
CMP_OUT
1.8 V
1.1 V
Front End
Processor
DC
Supplies
VSPI
1.8 V
1.1 Reg
1.1 V
L3
L2
L1
LED_SEL (2)
RC_
CHARGE
1.8 V
Parallel (12)
Figure 8-1. System without FPGA and without actuator
8.2.1.1 Design Requirements
A DLP 3D printer can be created using the DLP300S/DLP301S, DLPC1438, and DLPA200x PMIC/LED driver. In
addition to the DLP chipset, other IC components may be needed including a flash device to store the software
and firmware to control the DLPC1438.
www.ti.com
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com