Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 35Page - Texas Instruments DLPA2000 Datasheet HTML 36Page - Texas Instruments DLPA2000 Datasheet HTML 37Page - Texas Instruments DLPA2000 Datasheet HTML 38Page - Texas Instruments DLPA2000 Datasheet HTML 39Page - Texas Instruments DLPA2000 Datasheet HTML 40Page - Texas Instruments DLPA2000 Datasheet HTML 41Page - Texas Instruments DLPA2000 Datasheet HTML 42Page - Texas Instruments DLPA2000 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Chipset State
PROJ_ON
SYSPWR
FPGA_RDY
VCC18 (1.8V)
VDD (1.1V)
RESETZ
HOST_IRQ
I2C
PARKZ
PLL_REFC
LK
FPGA PWR
Signals
from PMIC (DLPA3000)
PWR Off
VIN On
PWR On
Pre-Initialization
Initialization
Regular operation
t1
t2
t3
t4
(a)
(b)
(c)
(d)
from other source
VCC_INTF (1.8V)
VCC_FLSH (1.8V)
t1:
SYSPWR (VIN) applied to the PMIC. All other voltage rails are derived from SYSPWR.
t2:
All DLPC1438 supplies reach 95% of their specified nominal value. Note HOST_IRQ may go high sooner if it is pulled-up to a
different external supply.
t3:
Point where RESETZ is deasserted (goes high). This indicates the beginning of the controller auto-initialization routine.
t4:
HOST_IRQ goes low to indicate initialization is complete. I2C is now ready to accept commands.
(a):
The typical delay between the PLL reference clock becoming active and RESETZ being deasserted (going high) is less than 1
ms. PLL_REFCLK must be stable within 5 ms of all power being applied, and may be active before power is applied.
(b):
There is a typical controller boot time of 100 ms. PARKZ must be high before RESETZ releases to support auto-initialization.
RESETZ must also be held low for at least 5 ms after DLPC1438 power supplies are in specification.
(c):
There is a typical FPGA setup time of 2.75 ms before the system completes boot process. During this period, the DLPC1438
controller writes startup values to the FPGA registers.
(d):
After FPGA setup is complete, I2C now accepts commands.
Figure 9-1. DLPC1438 Power-Up Timing
www.ti.com
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com