Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 4Page - Texas Instruments DLPA2000 Datasheet HTML 5Page - Texas Instruments DLPA2000 Datasheet HTML 6Page - Texas Instruments DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments DLPA2000 Datasheet HTML 10Page - Texas Instruments DLPA2000 Datasheet HTML 11Page - Texas Instruments DLPA2000 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
(4)
When VCC_INTF is powered and VDD is not powered, the controller may drive the IIC0_xxx pins low which prevents communication
on this I2C bus. Do not power up the VCC_INTF pin before powering up the VDD pin for any system that has additional slave devices
on this bus.
Table 5-7. GPIO Peripheral Interface(1)
PIN(1)
I/O
TYPE(3)
DESCRIPTION(2)
NAME
NO.
GPIO_19
M15
I/O
1
General purpose I/O 19 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
GPIO_18
M14
I/O
1
General purpose I/O 18 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
GPIO_17
L15
I/O
1
General purpose I/O 17 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
GPIO_16
L14
I/O
1
General purpose I/O 16 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
GPIO_15
K15
I/O
1
General purpose I/O 15 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
GPIO_14
K14
I/O
1
General purpose I/O 14 (hysteresis buffer). FPGA_RDY (input): Input from FPGA, indicating when the
FPGA initialization process is complete.
GPIO_13
J15
I/O
1
General purpose I/O 13 (hysteresis buffer). AWG_ERR (input): Input from FPGA, indicating instability
in actuator operation in order to halt printing and recover.
GPIO_12
J14
I/O
1
General purpose I/O 12 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
GPIO_11
H15
I/O
1
General purpose I/O 11 (hysteresis buffer). Options:
1.
Thermistor power enable (output). Turns on the power to the thermistor when it is used and
enabled.
2.
Optional GPIO. If unused TI recommends this pin be configured as a logic zero GPIO output and
left unconnected. Otherwise this pin requires an external pullup or pulldown to avoid a floating
GPIO input.
GPIO_10
H14
I/O
1
General Purpose I/O 10 (hysteresis buffer). Options:
1.
RC_CHARGE (output): Intended to feed the RC charge circuit of the thermistor interface.
2.
Optional GPIO. If unused TI recommends this pin be configured as a logic zero GPIO output and
left unconnected. Otherwise this pin requires an external pullup or pulldown to avoid a floating
GPIO input.
GPIO_09
G15
I/O
1
General purpose I/O 09 (hysteresis buffer). Reserved for Print Active signal. Indicates that a layer
is actively being printed with previously sent print layer command. Applicable to External Print Mode
only.
GPIO_08
G14
I/O
1
General purpose I/O 08 (hysteresis buffer). Normal mirror parking request (active low): To be driven
by the PROJ_ON output of the host. A logic low on this signal causes the DLPC1438 to PARK the
DMD, but it does not power down the DMD (the DLPAxxxx does that instead). The minimum high time
is 200 ms. The minimum low time is 200 ms.
GPIO_07
F15
I/O
1
General purpose I/O 07 (hysteresis buffer). ACT_SYNC (output): Output to FPGA, used for
synchronizing the actuator position with the controller data processing.
GPIO_06
F14
I/O
1
General purpose I/O 06 (hysteresis buffer). Reserved for System Ready signal (Output). Indicates
when system is configured and ready for first print layer command after being commanded to go into
External Print Mode. Applicable to External Print Mode only.
GPIO_05
E15
I/O
1
General purpose I/O 05 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com