Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 25 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 21Page - Texas Instruments DLPA2000 Datasheet HTML 22Page - Texas Instruments DLPA2000 Datasheet HTML 23Page - Texas Instruments DLPA2000 Datasheet HTML 24Page - Texas Instruments DLPA2000 Datasheet HTML 25Page - Texas Instruments DLPA2000 Datasheet HTML 26Page - Texas Instruments DLPA2000 Datasheet HTML 27Page - Texas Instruments DLPA2000 Datasheet HTML 28Page - Texas Instruments DLPA2000 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
7 Detailed Description
7.1 Overview
The DLPC1438 controller is part of the chipset that includes the DLP300S or DLP301S DMD, and the DLPA200x
or DLPA300x PMIC/LED driver. To ensure reliable operation of the DLP chipset, the DLPC1438 must always be
used with the supported devices shown in Table 6-1.
7.2 Functional Block Diagram
Input
Control
Processing
Test
Pattern
Generator
Splash
Screen
/20
/5
/24
Parallel Video
or BT656 Port
Arm
® Cortex®-M3
Processor
128 KB I/D Memory
JTAG
I2C_0
SPI_0
GPIO
SPI_1
I2C_1
LED Control
Other options
eDRAM (Frame Memory)
Real Time
Control System
Clocks and Reset
Generation
DLP Subsystem
Display Formatting
DMD Interface
Video Processing
x Brightness Enhancement
x Chroma Interpolation
x Color Space Conversion
x Color Correction
x CAIC Processing
x Contrast Adjustment
x Dynamic Scaling
x Gamma Correction
x Image Format Processing
x Power Saving Operations
Clock (Crystal)
Reset Control
DMD_HS_CLK(sub-LVDS)
DMD_HS_DATA(A:H)(sub-LVDS)
DMD_LS_CLK
DMD_LS_WDATA
DMD_LS_RDATA
DMD_DEN_ARSTZ
/
/
/
/
www.ti.com
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com