Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 5 Page - Texas Instruments

  DLPA2000 Datasheet HTML 1Page - Texas Instruments DLPA2000 Datasheet HTML 2Page - Texas Instruments DLPA2000 Datasheet HTML 3Page - Texas Instruments DLPA2000 Datasheet HTML 4Page - Texas Instruments DLPA2000 Datasheet HTML 5Page - Texas Instruments DLPA2000 Datasheet HTML 6Page - Texas Instruments DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
Table 5-2. Parallel Port Input (continued)
PIN(1)
I/O
TYPE(3)
DESCRIPTION
NAME
NO.
PDM_CVS_TE
N4
I/O
5
Parallel data mask. Programable polarity with
default of active high. Optional signal.
VSYNC_WE
P1
I
11
Vsync(2)
HSYNC_CS
N5
I
11
Hsync(2)
DATAEN_CMD
P2
I
11
Data valid
PDATA_0
PDATA_1
PDATA_2
PDATA_3
PDATA_4
PDATA_5
PDATA_6
PDATA_7
K2
K1
L2
L1
M2
M1
N2
N1
I
11
(bit weight 1)
(bit weight 2)
(bit weight 4)
(bit weight 8)
(bit weight 16)
(bit weight 32)
(bit weight 64)
(bit weight 128)
PDATA_8
PDATA_9
PDATA_10
PDATA_11
PDATA_12
PDATA_13
PDATA_14
PDATA_15
R1
R2
R3
P4
R4
P5
R5
P6
I
11
Unused
PDATA_16
PDATA_17
PDATA_18
PDATA_19
PDATA_20
PDATA_21
PDATA_22
PDATA_23
R6
P7
R7
P8
R8
P9
R9
P10
I
11
Unused
3DR
N6
I
11
Unused
(1)
Connect unused inputs to ground or pulldown to ground through an external resistor (8 kΩ or less).
(2)
VSYNC and HSYNC polarity can be adjusted by software.
(3)
See Table 5-10 for type definitions.
www.ti.com
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com