Electronic Components Datasheet Search
  English  ▼

X  

VSC8658 Datasheet(PDF) 23 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 23 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 19Page - Microsemi Corporation VSC8658 Datasheet HTML 20Page - Microsemi Corporation VSC8658 Datasheet HTML 21Page - Microsemi Corporation VSC8658 Datasheet HTML 22Page - Microsemi Corporation VSC8658 Datasheet HTML 23Page - Microsemi Corporation VSC8658 Datasheet HTML 24Page - Microsemi Corporation VSC8658 Datasheet HTML 25Page - Microsemi Corporation VSC8658 Datasheet HTML 26Page - Microsemi Corporation VSC8658 Datasheet HTML 27Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 95 page
background image
Functional Descriptions
VMDS-10242 VSC8658 Datasheet Revision 4.1
15
4.11
IEEE 802.3af PoE Support
The VSC8658 device is also compatible with switch designs that are intended for use in systems that
supply power to Data Terminal Equipment (DTE) by means of the MDI or twisted pair cable, as described
in clause 33 of the IEEE standard 802.3af.
4.12
ActiPHY Power Management
In addition to the IEEE-specified power-down control bit (device register bit 0.11), the device also
includes an ActiPHY™ power management mode for each PHY. This mode enables support for power-
sensitive applications such as laptop computers with Wake-on-LAN™ capability. It utilizes a signal-detect
function that monitors the media interface for the presence of a link to determine when to automatically
power-down the PHY. The PHY “wakes up” at a programmable interval and attempts to “wake-up” the
link partner PHY by sending a burst of FLP over copper media.
The ActiPHY™ power management mode in the VSC8658 device is enabled on a per-port basis during
normal operation at any time by setting register bit 28.6 to 1.
There are three operating states possible when ActiPHY™ mode is enabled:
•
Low power state
•
LP wake-up state
•
Normal operating state (link up state)
The VSC8658 device switches between the low power state and LP wake-up state at a programmable
rate (the default is two seconds) until signal energy has been detected on the media interface pins. When
signal energy is detected, the PHY enters the normal operating state. If the PHY is in its normal operating
state and the link fails, the PHY returns to the low power state after the expiration of the link status time-
out timer. After reset, the PHY enters the low power state.
When auto-negotiation is enabled in the PHY, the ActiPHY state machine operates as described. If auto-
negotiation is disabled and the link is forced to use 10BT or 100BTX modes while the PHY is in its low
power state, the PHY continues to transition between the low power and LP wake-up states until signal
energy is detected on the media pins. At that time, the PHY transitions to the normal operating state and
stays in that state even when the link is dropped. If auto-negotiation is disabled while the PHY is in the
normal operation state, the PHY stays in that state when the link is dropped and does not transition back
to the low power state.
The following illustration shows the relationship between ActiPHY states and timers.
Figure 8 •
ActiPHY State Diagram
4.12.1
Low Power State
In the low power state, all major digital blocks are powered down. However, the following functionality is
provided:
•
SMI interface (MDC, MDIO, MDINT_n)
Timeout Timer Expires;
Auto-negotiation Enabled
FLP Burst or
Clause 37 Restart
Signal Sent
Low Power State
Normal
Operation
Link Partner
Wake-up State
Signal Energy
Detected on the
Connected Media
Sleep Timer
Expires



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com