Electronic Components Datasheet Search
  English  ▼

X  

VSC8658 Datasheet(PDF) 69 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 69 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 65Page - Microsemi Corporation VSC8658 Datasheet HTML 66Page - Microsemi Corporation VSC8658 Datasheet HTML 67Page - Microsemi Corporation VSC8658 Datasheet HTML 68Page - Microsemi Corporation VSC8658 Datasheet HTML 69Page - Microsemi Corporation VSC8658 Datasheet HTML 70Page - Microsemi Corporation VSC8658 Datasheet HTML 71Page - Microsemi Corporation VSC8658 Datasheet HTML 72Page - Microsemi Corporation VSC8658 Datasheet HTML 73Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 95 page
background image
Electrical Specifications
VMDS-10242 VSC8658 Datasheet Revision 4.1
61
6
Electrical Specifications
This section provides the DC characteristics, AC characteristics, recommended operating conditions,
and stress ratings for the VSC8658 device. It includes information on the various timing functions of the
device.
6.1
DC Characteristics
In addition to any parameter-specific conditions, the specifications listed in the following tables may be
considered valid only in the environment characterized by the specifications listed as recommended
operating conditions for the VSC8658 device. For more information about the recommended operating
conditions, see Operating Conditions, page 70.
6.1.1
VDDIO at 3.3 V
In addition to any parameter-specific conditions, the specifications listed in the following table may be
considered valid only when:
•VDDIO is 3.3 V
•VDD33 is 3.3 V
•VDD12 is 1.2 V
•VDD12A is 1.2 V
6.1.2
VDDIO at 2.5 V
In addition to any parameter-specific conditions, the specifications listed in the following table may be
considered valid only when:
•VDDIO is 2.5 V
•VDD33 is 3.3 V
•VDD12 is 1.2 V
•VDD12A is 1.2 V
Table 62 •
DC Characteristics for Pins Referenced to VDDIO at 3.3 V
Parameter
Symbol Minimum
Maximum
Unit Condition
Output high voltage
VOH
2.4
3.6
V
IOH = –4 mA
Output low voltage
VOL
00.5
V
IOL = 4 mA
Input high voltage
VIH
2.1
3.6
V
Input low voltage
VIL
–0.3
0.9
V
Input leakage current IILEAK
–42
42
µA
Internal resistor included
Output leakage
current
IOLEAK
–42
42
µA
Internal resistor included
Output low current
drive strength
IOL
8mA
Output high current
drive strength
IOH
–8
mA
Table 63 •
DC Characteristics for Pins Referenced to VDDIO at 2.5 V
Parameter
Symbol Minimum
Maximum
Unit Condition
Output high voltage
VOH
2.0
2.8
V
IOH = –1.0 mA
Output low voltage
VOL
–0.3
0.4
V
IOL = 1.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com