Electronic Components Datasheet Search
  English  ▼

X  

VSC8658 Datasheet(PDF) 25 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 25 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 21Page - Microsemi Corporation VSC8658 Datasheet HTML 22Page - Microsemi Corporation VSC8658 Datasheet HTML 23Page - Microsemi Corporation VSC8658 Datasheet HTML 24Page - Microsemi Corporation VSC8658 Datasheet HTML 25Page - Microsemi Corporation VSC8658 Datasheet HTML 26Page - Microsemi Corporation VSC8658 Datasheet HTML 27Page - Microsemi Corporation VSC8658 Datasheet HTML 28Page - Microsemi Corporation VSC8658 Datasheet HTML 29Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 95 page
background image
Functional Descriptions
VMDS-10242 VSC8658 Datasheet Revision 4.1
17
Figure 10 •
SMI Write Frame
The following provides additional information about the terms used in Figure 9 and Figure 10.
Idle During idle, the MDIO node goes to a high-impedance state. This allows an external pull-up resistor
to pull the MDIO node up to a logical 1 state. Because the idle mode should not contain any transitions
on MDIO, the number of bits is undefined during idle.
Preamble By default, preambles are not expected or required. The preamble is a string of ones. If it
exists, the preamble must be at least one bit; otherwise, it may be of an arbitrary length.
Start of Frame (SFD) A pattern of 01 indicates the start of frame. If the pattern is not 01, all following
bits are ignored until the next preamble pattern is detected.
Read or Write Opcode A pattern of 10 indicates a read. A 01 pattern indicates a write. If the bits are
not either 01 or 10, all following bits are ignored until the next preamble pattern is detected.
PHY Address The particular VSC8658 responds to a message frame only when the received PHY
address matches its physical address. The physical address is five bits long (4:0). Bits 4:3 are set by the
CMODE pins. Bits 2:0 represent the PHY of the device being addressed.
Register Address The next five bits are the register address.
Turnaround The two bits used to avoid signal contention when a read operation is performed on the
MDIO are called the turnaround (TA) bits. During read operations, the VSC8658 device drives the
second TA bit, a logical 0.
Data The 16-bits read from or written to the device are considered the data or data stream. When data
is read from a PHY, it is valid at the output from one rising edge of MDC to the next rising edge of MDC.
When data is written to the PHY, it must be valid around the rising edge of MDC.
Idle The sequence is repeated.
4.13.2
SMI Interrupts
The SMI also includes an output interrupt signal, MDINT_n, for signaling the station manager when
certain events occur in the PHY. A separate MDINT_n pin is included for each VSC8658 device PHY.
Each MDINT_n pin can be configured for open-drain (active-low) by tying the pin to a pull-up resistor and
to VDDIO. The following illustration shows this configuration.
Figure 11 •
MDINT_n Configured as an Open-Drain (Active-Low) Pin
MDC
MDIO
Preamble
(optional )
SFD
1
Z1
0
Write
01
PHY Address
A4
A3
A2
A1
A0
R4
R3
R2
R1
R0
Register Address
to PHY
10
TA
Register Data from PHY
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Z
Z
Idle
Idle
Z
Station Manager Drives MDIO (PHY tristates MDIO during entire sequence )
MDINT_n
(to the Station
Manager)
Interrupt Pin Enable
(Register 25.15)
Interrupt Pin Status
(Register 26.15)
External Pull-up
Resistor at the
Station Manager for
Open-drain
(Active-low Mode)
VDDIO
PHY_n
MDINT_n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com