Electronic Components Datasheet Search
  English  ▼

X  

VSC8658 Datasheet(PDF) 31 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 31 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 27Page - Microsemi Corporation VSC8658 Datasheet HTML 28Page - Microsemi Corporation VSC8658 Datasheet HTML 29Page - Microsemi Corporation VSC8658 Datasheet HTML 30Page - Microsemi Corporation VSC8658 Datasheet HTML 31Page - Microsemi Corporation VSC8658 Datasheet HTML 32Page - Microsemi Corporation VSC8658 Datasheet HTML 33Page - Microsemi Corporation VSC8658 Datasheet HTML 34Page - Microsemi Corporation VSC8658 Datasheet HTML 35Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 95 page
background image
Functional Descriptions
VMDS-10242 VSC8658 Datasheet Revision 4.1
23
When using the connector loopback testing feature, the device auto-negotiation, speed, and duplex
configuration is set using device registers 0, 4, and 9. For 1000BASE-T connector loopback, only the
following additional writes are required. Execute the additional writes in the following order:
1.
Enable the 1000BASE-T connector loopback. Set register bit 24.0 to 1.
2.
Disable pair swap correction. Set register bit 18.5 to 1.
4.16.6
VeriPHY Cable Diagnostics
The VSC8658 device includes a comprehensive suite of cable diagnostic functions that are available
using SMI reads and writes. These functions enable a variety of cable operating conditions and status to
be accessed and checked. The VeriPHY® suite has the ability to identify the cable length and operating
conditions and to isolate a variety of common faults that can occur on the Cat5 twisted pair cabling.
Note: If a link is established on the twisted pair interface in the 1000BASE-T mode, VeriPHY can run without
disrupting the link or disrupting any data transfer. However, if a link is established in 100BASE-TX or
10BASE-T, VeriPHY causes the link to drop while the diagnostics are running. After the diagnostics are
finished, the link is re-established.
The following diagnostic functions are part of the VeriPHY suite:
•
Detecting coupling between cable pairs
•
Detecting cable pair termination
•
Determining cable length
Coupling Between Cable Pairs Shorted wires, improper termination, or high crosstalk resulting from
an incorrect wire map can cause error conditions, such as anomalous coupling between cable pairs. All
these conditions can prevent the device from establishing a link in any speed.
Cable Pair Termination Proper termination of Cat5 cable requires a 100
Ω differential impedance
between the positive and negative cable terminals. The IEEE standard 802.3 allows for a termination of
as high as 115
Ω or as low as 85 Ω. If the termination falls outside of this range, it is reported by the
VeriPHY diagnostics as an anomalous termination. The diagnostics can also determine the presence of
an open or shorted cable pair.
Cable Length When the Cat5 cable in an installation is properly terminated, VeriPHY reports the
approximate cable length in meters.
4.16.7
IEEE 1149.1 JTAG Boundary Scan
The VSC8658 device supports the Test Access Port (TAP) and Boundary Scan Architecture described in
the IEEE standard 1149.1. The device includes an IEEE 1149.1-compliant test interface, often referred to
as a “JTAG TAP Interface.”
The JTAG boundary scan logic on the VSC8658 device, accessed using its TAP interface, consists of a
boundary scan register and other logic control blocks. The TAP controller includes all IEEE-required
signals (TMS, TCK, TDI, and TDO), in addition to the optional asynchronous reset signal NTRST.
The following illustration shows the TAP and Boundary Scan Architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com