Electronic Components Datasheet Search
  English  ▼

X  

VSC8658 Datasheet(PDF) 15 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 15 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 11Page - Microsemi Corporation VSC8658 Datasheet HTML 12Page - Microsemi Corporation VSC8658 Datasheet HTML 13Page - Microsemi Corporation VSC8658 Datasheet HTML 14Page - Microsemi Corporation VSC8658 Datasheet HTML 15Page - Microsemi Corporation VSC8658 Datasheet HTML 16Page - Microsemi Corporation VSC8658 Datasheet HTML 17Page - Microsemi Corporation VSC8658 Datasheet HTML 18Page - Microsemi Corporation VSC8658 Datasheet HTML 19Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 95 page
background image
Functional Descriptions
VMDS-10242 VSC8658 Datasheet Revision 4.1
7
4
Functional Descriptions
This section provides detailed information about how the VSC8658 device works, what configurations
and operational features are available, and how to test its function. It includes descriptions of the various
device interfaces and how to set them up.
With the information in this section, you can better determine which device setup parameters you must
access to configure the VSC8658 device to work in your application. There are three ways to configure
the VSC8658 device. You can access and set its internal memory registers, use a combination of the
device CMODE pins and its registers, or configure and connect an external EEPROM to execute a
configuration sequence upon system startup.
For information about VSC8658 device registers, see Configuration, page 26.
For information about the device CMODE pins, see CMODE, page 55.
For information about using an EEPROM with the VSC8658 device, see EEPROM, page 58.
4.1
Operating Modes
With respect to its function in your design, the VSC8658 device can act as the interface between a media
access controller (MAC) and either Category 5 (Cat5) media, 100BASE-FX fiber media, or 1000BASE-X
fiber media. Or, the VSC8658 device can act as a MAC-to-MAC pass-through device to take advantage
of the auto-negotiation feature.
Depending upon the speed of data throughput required in your application, the MAC may be either a
SerDes or an SGMII device, and can also be configured to support twisted pair Cat5 cabling, 100BASE-
FX/1000BASE-X fiber optic cabling, or copper small form factor pluggable (SFP) devices.
As shown in the following table, the operating mode you choose when setting up the VSC8658 device is
a function of which type of MAC is to be connected, which data throughput speeds are required in the
application, and the type of Cat5 media support required.
Table 2 •
Operating Mode vs. Speed
VSC8658 Mode
10/100/1000BAS
E-T Support
1000BASE-X
Fiber Optic
Support
100BASE-FX
Support
10/100/
1000BASE-T
Copper SFP
Support
SerDes MAC-to-Cat5 Link Partner
1000BASE-T
only
SGMII MAC-to-Cat5 Link Partner
Yes
SerDes MAC-to-SerDes with Auto-Negotiation
Yes
1000BASE-T
only
SGMII MAC-to-SerDes with Auto-Negotiation
Yes
1000BASE-T
only
SerDes MAC-to-SerDes with Pass-Through
Yes(1)
1000BASE-T
only(1)
SGMII MAC-to-SGMII with Pass-Through
Yes(1)
Yes(1)
SGMII MAC-to-100BASE-FX
Yes
SerDes MAC with Automatic Media Sensing
(AMS) and Auto Negotiation
1000BASE-T
Only
Yes
SGMII MAC with AMS
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com