Electronic Components Datasheet Search
  English  ▼

X  

VSC8658 Datasheet(PDF) 52 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 52 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 48Page - Microsemi Corporation VSC8658 Datasheet HTML 49Page - Microsemi Corporation VSC8658 Datasheet HTML 50Page - Microsemi Corporation VSC8658 Datasheet HTML 51Page - Microsemi Corporation VSC8658 Datasheet HTML 52Page - Microsemi Corporation VSC8658 Datasheet HTML 53Page - Microsemi Corporation VSC8658 Datasheet HTML 54Page - Microsemi Corporation VSC8658 Datasheet HTML 55Page - Microsemi Corporation VSC8658 Datasheet HTML 56Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
44
5.2.25
LED Behavior
The bits in register 30 control and enable you to read the status of the pulse or blink rate of the device
LEDs. The following table shows the settings you can write to the register or read from the register.
Table 35 •
LED Behavior, Address 30 (0x1E)
Bit
Name
Access
Description
Default
15
Copper and fiber LED
combine disable
R/W
This is a sticky bit.
0 = Combine enabled
(Copper/Fiber on
Link/LinkXXXX/Activity LED).
1 = Disable combination
(Link/LinkXXXX/Activity LED
indicates copper only).
0
14
Activity output select R/W
This is a sticky bit.
1 = Activity LED becomes
TX_Activity and fiber activity LED
becomes RX_Activity.
0 = TX and RX activity both
displayed on activity LEDs.
0
13
Reserved
RO
12
LED pulsing enable
R/W
This is a sticky bit.
0 = Normal operation.
1 = LEDs pulse with a 5-kHz, 20%
duty cycle when active.
0
11:10
LED blink/
pulse-stretch rate
R/W
This is a sticky bit.
00 = 2.5-Hz blink rate / 400 ms
pulse-stretch.
01 = 5-Hz blink rate / 200 ms pulse-
stretch.
10 = 10-Hz blink rate / 100 ms
pulse-stretch.
11 = 20-Hz blink rate / 50 ms pulse-
stretch.
CMODE
9
Reserved
RO
8
LED3 pulse-stretch/
blink select
R/W
This is a sticky bit.
1 = Pulse-stretch.
0 = Blink.
CMODE
7
LED2 pulse-stretch/
blink select
R/W
This is a sticky bit.
1 = Pulse-stretch.
0 = Blink.
CMODE
6
LED1 pulse-stretch/
blink select
R/W
This is a sticky bit.
1 = Pulse-stretch.
0 = Blink.
CMODE
5
LED0 pulse-stretch/
blink select
R/W
This is a sticky bit.
1 = Pulse-stretch.
0 = Blink.
CMODE
4
Reserved
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com