Electronic Components Datasheet Search
  English  ▼

X  

VSC8658 Datasheet(PDF) 54 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 54 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 50Page - Microsemi Corporation VSC8658 Datasheet HTML 51Page - Microsemi Corporation VSC8658 Datasheet HTML 52Page - Microsemi Corporation VSC8658 Datasheet HTML 53Page - Microsemi Corporation VSC8658 Datasheet HTML 54Page - Microsemi Corporation VSC8658 Datasheet HTML 55Page - Microsemi Corporation VSC8658 Datasheet HTML 56Page - Microsemi Corporation VSC8658 Datasheet HTML 57Page - Microsemi Corporation VSC8658 Datasheet HTML 58Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
46
5.3.1
Extended Page Access
The register at address 31 controls the access to both the extended and GPIO registers for the VSC8658
device. Accessing the GPIO page register space is similar to accessing the extended page registers. The
following table shows the settings available.
5.3.2
SerDes Media Control
Register 16E, which is accessible only when extended register access is enabled, controls the SerDes
media interface. The following table shows the settings available.
25E
VeriPHY 2
26E
VeriPHY 3
27E
Reserved
28E
Reserved
29E
Ethernet packet generator (EPG) 1
30E
EPG 2
Table 37 •
Extended Page Access, Address 31 (0x1F)
Bit
Name
Access
Description
Default
15:0
Extended/GPIO page
register access
R/W
0x0000 = Register 16 through 30 accesses
main register space
0x0001 = Register 16 through 30 accesses
extended register space
0x0010 = Register 0 through 30 accesses
GPIO register space
0x0000
Table 38 •
SerDes Media Auto-Negotiation Control/Status, Address 16E (0x10)
Bit
Name
Access
Description
Default
15:14
Transmit remote fault R/W
Remote fault indication sent to link partner
(LP).
00
13:12
Link partner (LP)
remote fault
RO
Remote fault bits sent by LP during auto-
negotiation.
00
11
Parallel detect
R/W
1 = Enables parallel detect of auto-
negotiation enabled and disabled devices.
0
10
SerDes media signal
detect
RO
Signal detect indication on media interface.
0
9:0
Reserved
RO
Table 36 •
Extended Registers Page Space (continued)
Register Address
Register Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com