Electronic Components Datasheet Search
  English  ▼

X  

VSC8658 Datasheet(PDF) 88 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 88 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 84Page - Microsemi Corporation VSC8658 Datasheet HTML 85Page - Microsemi Corporation VSC8658 Datasheet HTML 86Page - Microsemi Corporation VSC8658 Datasheet HTML 87Page - Microsemi Corporation VSC8658 Datasheet HTML 88Page - Microsemi Corporation VSC8658 Datasheet HTML 89Page - Microsemi Corporation VSC8658 Datasheet HTML 90Page - Microsemi Corporation VSC8658 Datasheet HTML 91Page - Microsemi Corporation VSC8658 Datasheet HTML 92Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 95 page
background image
Pin Descriptions
VMDS-10242 VSC8658 Datasheet Revision 4.1
80
7.2.8
Miscellaneous
The following table lists pins not associated with a particular interface or facility on the device.
Table 90 •
Miscellaneous Pins
Pin
Name
Type
Description
H25
J24
J25
J26
K24
K25
K26
L24
CMODE7
CMODE6
CMODE5
CMODE4
CMODE3
CMODE2
CMODE1
CMODE0
IA
Configuration mode (CMODE) pins. For more
information, see CMODE, page 55.
J1
XTAL1/REFCLK I
Crystal oscillator input. If OSCEN=high then a
25 MHz parallel resonant crystal with +/–50 ppm
frequency tolerance should be connected across
XTAL1 and XTAL2. A 33 pF capacitor should also
tie the XTAL1 pin to ground.
Reference clock input. If OSCEN=low, the clock
input frequency can either be 25 MHz
(PLLMODE=0) or 125 MHZ (PLLMODE is high).
J2
XTAL2
OCRYST Crystal oscillator output. The crystal should be
connected across XTAL1 and XTAL2. A 33 pF
capacitor should also tie the XTAL2 pin to ground.
If not using a crystal oscillator, this output pin can
be left floating if driving XTAL1/REFCLK with a
reference clock.
R2
OSCEN
IPD
Oscillator enable. This pin is sampled on the rising
edge of NRESET. If HIGH, then the on-chip
oscillator circuit is enabled. If low (or left floating),
the oscillator circuit is disabled and the device
must be supplied with a 25 MHz or 125 MHz
reference clock to the REFCLK pin
R1
PLLMODE
IPD
PLL mode input select. Sampled on power-up or
reset. If PLLMODE is low, then REFCLK must be
25 MHz. If PLLMODE is high, then REFCLK must
be 125 MHz.
J3 J4 K3 K4
L1 L2 M1 M2
L3 L4 M3 M4
P3 P4 R3 R4
T23 T24 R23 R24
P23 P24 N23 N24
P25 P26 N25 N26
M25 M26 L25 L26
LED[3:0]_7
LED[3:0]_6
LED[3:0]_5
LED[3:0]_4
LED[3:0]_3
LED[3:0]_2
LED[3:0]_1
LED[3:0]_0
O
LED direct-drive outputs. All LEDs pins are active-
low. A serial LED stream can also be
implemented. For more information about LED
operation, see LED Mode Select, page 43.
F23
REF_REXT_A
ABIAS
Reference external connects to an external 2 K
Ω
(1%) resistor to analog ground.
E23
REF_FILT_A
ABIAS
Reference filter connects to an external 1 µF
capacitor to analog ground.
F4
REF_REXT_B
ABIAS
Reference external connects to an external 2 K
Ω
(1%) resistor to analog ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com