Electronic Components Datasheet Search
  English  ▼

X  

VSC8658 Datasheet(PDF) 95 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 95 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 87Page - Microsemi Corporation VSC8658 Datasheet HTML 88Page - Microsemi Corporation VSC8658 Datasheet HTML 89Page - Microsemi Corporation VSC8658 Datasheet HTML 90Page - Microsemi Corporation VSC8658 Datasheet HTML 91Page - Microsemi Corporation VSC8658 Datasheet HTML 92Page - Microsemi Corporation VSC8658 Datasheet HTML 93Page - Microsemi Corporation VSC8658 Datasheet HTML 94Page - Microsemi Corporation VSC8658 Datasheet HTML 95Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 95 / 95 page
background image
Ordering Information
VMDS-10242 VSC8658 Datasheet Revision 4.1
87
10
Ordering Information
The VSC8658 device is available in two package types. VSC8658HJ is a 444-pin, thermally enhanced,
plastic ball grid array (BGA) with a 27 mm × 27 mm body size, 1 mm pin pitch, and a 2.36 mm maximum
height. The device is also available in a lead(Pb)-free package, VSC8658XHJ.
Lead(Pb)-free products from Microsemi comply with the temperatures and profiles defined in the joint
IPC and JEDEC standard IPC/JEDEC J-STD-020. For more information, see the IPC and JEDEC
standard.
The following table lists the ordering information for the VSC8658 device.
Table 92 •
Ordering Information
Part Order Number
Description
VSC8658HJ
444-pin, thermally enhanced, plastic BGA with a 27 mm × 27 mm body size,
1 mm pin pitch, and a 2.36 mm maximum height
VSC8658XHJ
Lead(Pb)-free, 444-pin, thermally enhanced, plastic BGA with a 27 mm ×
27 mm body size, 1 mm pin pitch, and a 2.36 mm maximum height



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com