Electronic Components Datasheet Search
  English  ▼

X  

VSC8658 Datasheet(PDF) 37 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 37 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 33Page - Microsemi Corporation VSC8658 Datasheet HTML 34Page - Microsemi Corporation VSC8658 Datasheet HTML 35Page - Microsemi Corporation VSC8658 Datasheet HTML 36Page - Microsemi Corporation VSC8658 Datasheet HTML 37Page - Microsemi Corporation VSC8658 Datasheet HTML 38Page - Microsemi Corporation VSC8658 Datasheet HTML 39Page - Microsemi Corporation VSC8658 Datasheet HTML 40Page - Microsemi Corporation VSC8658 Datasheet HTML 41Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
29
5.2.2
Mode Status
The register at address 1 in the device main registers space allows you to read the currently enabled
mode setting. The following table shows possible readouts of this register.
5:0
Reserved
000000
Table 12 •
Mode Status, Address 1 (0x01)
Bit
Name
Access
Description
Default
15
100BASE-T4
capability
RO
1 = 100BASE-T4 capable.
0
14
100BASE-TX FDX
capability
RO
1 = 100BASE-TX FDX capable.
1
13
100BASE-TX HDX
capability
RO
1 = 100BASE-TX HDX capable.
1
12
10BASE-T FDX
capability
RO
1 = 10BASE-T FDX capable.
1
11
10BASE-T HDX
capability
RO
1 = 10BASE-T HDX capable.
1
10
100BASE-T2 FDX
capability
RO
1 = 100BASE-T2 FDX capable.
0
9
100BASE-T2 HDX
capability
RO
1 = 100BASE-T2 HDX capable.
0
8
Extended status
enable
RO
1 = Extended status information present in
register 15.
1
7
Reserved
RO
0
6
Preamble
suppression
capability
RO
1 = MF preamble may be suppressed.
0 = MF always required.
1
5
Auto-negotiation
complete
RO
1 = Auto-negotiation complete.
0
4
Remote fault
RO
This bit latches high.
1 = Far-end fault detected.
0
3
Auto-negotiation
capability
RO
1 = Auto-negotiation capable.
1
2
Link status
RO
This bit latches low.
1 = Link is up.
0
1
Jabber detect
RO
This bit latches high.
1 = Jabber condition detected.
0
0
Extended capability
RO
1 = Extended register capable.
1
Table 11 •
Mode Control, Address 0 (0x00) (continued)
Bit
Name
Access
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com