Electronic Components Datasheet Search
  English  ▼

X  

VSC8658 Datasheet(PDF) 58 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 58 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 54Page - Microsemi Corporation VSC8658 Datasheet HTML 55Page - Microsemi Corporation VSC8658 Datasheet HTML 56Page - Microsemi Corporation VSC8658 Datasheet HTML 57Page - Microsemi Corporation VSC8658 Datasheet HTML 58Page - Microsemi Corporation VSC8658 Datasheet HTML 59Page - Microsemi Corporation VSC8658 Datasheet HTML 60Page - Microsemi Corporation VSC8658 Datasheet HTML 61Page - Microsemi Corporation VSC8658 Datasheet HTML 62Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
50
Note: Bits 9:8 are only valid if bit 10 is set.
5.3.10
VeriPHY Control 1
Register 24E in the extended register space provides control over the device VeriPHY diagnostics
features. There are three separate VeriPHY control registers. The following table shows the settings
available and describes the readouts you can expect.
Note: The resolution of the 6-bit length field is 3 meters.
5.3.11
VeriPHY Control 2
The register at address 25E consists of the second of the three device registers that provide control over
VeriPHY diagnostics features. The following table shows the readouts you can expect.
Note: The resolution of the 6-bit length field is 3 meters.
7:0
CRC error counter
RO
This is a self-clearing bit.
CRC error counter for the Ethernet packet
generator. The value saturates at 0xFF and
subsequently clears when read and restarts
count.
0x00
Table 46 •
VeriPHY Control Register 1, Address 24E (0x18)
Bit
Name
Access
Description
Default
15
VeriPHY trigger
R/W
This is a self-clearing bit.
1 = Triggers the VeriPHY algorithm and clears
when VeriPHY has completed. Settings in
registers 24E through 26E become valid after
this bit clears.
0
14
VeriPHY valid
RO
1 = VeriPHY results in registers 24E through
26E are valid.
0
13:8
Pair A (1-2) distance
RO
Loop length or distance to anomaly for pair A
(1-2).
0x00
7:6
Reserved
RO
5:0
Pair B (3-6) distance RO
Loop length or distance to anomaly for pair B
(3-6).
0x00
Table 47 •
VeriPHY Control Register 2, Address 25E (0x19)
Bit
Name
Access
Description
Default
15:14
Reserved
RO
13:8
Pair C (4-5) distance RO
Loop length or distance to anomaly for
pair C (4 and 5)
0x00
7:6
Reserved
RO
5:0
Pair D (7-8) distance RO
Loop length or distance to anomaly for
pair D (7 and 8)
0x00
Table 45 •
Extended PHY Control 4, Address 23E (0x17) (continued)
Bit
Name
Access
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com